Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB1505G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MB1505G
Description  15A Single-Phase Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB1505G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MB1505G Datasheet HTML 1Page - List of Unclassifed Manufacturers MB1505G Datasheet HTML 2Page - List of Unclassifed Manufacturers MB1505G Datasheet HTML 3Page - List of Unclassifed Manufacturers MB1505G Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
15A Single-Phase Glass Passivated Bridge Rectifier
Rev. A/DX 2007-06-09
MB1505G - MB1510G
www.taitroncomponents.com
Page 2 of 4
Fig.1- Forward Current Derating Curve
TA, Ambient Temperature (°C)
Fig.2-Max. Non-repetitive Peak
Forward Surge Current Per Leg
Number of Cycle at 60Hz
Symbol
Description
MB15
05G
MB15
1G
MB15
2G
MB15
4G
MB15
6G
MB15
8G
MB15
10G
Unit
Conditions
VFM
Forward Voltage per leg
1.1
V
IO=7.5A
10
µA
TC = 25°C
IRM
Max. Reverse DC
Current At Rated DC
Blocking Voltage per leg
1000
µA
TC = 125°C
I²t
Rating for Fusing
(t<8.3ms)
166
A²s
CJ
Typical junction
capacitance per leg
300
pF
f=1MHz
,
VR= 4V
RthJC
Typical Thermal
Resistance per leg
2.6
°C / W Note
VISO
RMS Isolation Voltage
from Case to Leads
2500
V
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-65 to +150
° C
Note: Thermal Resistance junction to case, mounted on heatsink.
Typical Characteristics Curves


Similar Part No. - MB1505G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MB1505G TAITRON-MB1505G Datasheet
145Kb / 4P
   15A Single-Phase Glass Passived Bridge Rectifier
MB1505GW TAITRON-MB1505GW Datasheet
144Kb / 4P
   15A Single-Phase Glass Passivated Bridge Rectifier
More results

Similar Description - MB1505G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC15 WTE-GBPC15 Datasheet
62Kb / 4P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB1505GW TAITRON-MB1505GW Datasheet
144Kb / 4P
   15A Single-Phase Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBJ15 NELLSEMI-GBJ15 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 15A
GBU15 NELLSEMI-GBU15 Datasheet
161Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 15A
GBPC15 NELLSEMI-GBPC15 Datasheet
210Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 15A
logo
Won-Top Electronics
GBJ15A WTE-GBJ15A Datasheet
62Kb / 4P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBPC1500 ZSELEC-KBPC1500 Datasheet
387Kb / 2P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBJ15 NELLSEMI-KBJ15 Datasheet
238Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 15A
GBPC15M NELLSEMI-GBPC15M Datasheet
393Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 15A
logo
Naina Semiconductor ltd...
GBPC15 NAINA-GBPC15 Datasheet
209Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 15A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com