Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89923 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB89923
Description  8-bit Proprietary Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89923 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB89923 Datasheet HTML 6Page - Fujitsu Component Limited. MB89923 Datasheet HTML 7Page - Fujitsu Component Limited. MB89923 Datasheet HTML 8Page - Fujitsu Component Limited. MB89923 Datasheet HTML 9Page - Fujitsu Component Limited. MB89923 Datasheet HTML 10Page - Fujitsu Component Limited. MB89923 Datasheet HTML 11Page - Fujitsu Component Limited. MB89923 Datasheet HTML 12Page - Fujitsu Component Limited. MB89923 Datasheet HTML 13Page - Fujitsu Component Limited. MB89923 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
10
MB89920 Series
s I/O CIRCUIT TYPE
(Continued)
Type
Circuit
Remarks
A
• At an oscillation feedback resistor of approximately
1 M
Ω (1 to 8 MHz)
B
C
• At an output pull-up resistor of approximately 50 K
(5.0 V)
• Hysteresis input
D
• CMOS output
• CMOS input
• Pull-up resistor optional
E
• CMOS output
• CMOS input
• Hysteresis input (peripheral input)
• Pull-up resistor optional
X1
X0
Standby control signal
P-ch
R
N-ch
R
P-ch
N-ch
P-ch
N-ch
P-ch
P-ch
R


Similar Part No. - MB89923

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89923PF FUJITSU-MB89923PF Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89923

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com