Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89140 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB89140
Description  8-bit Proprietary Microcontroller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89140 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB89140_01 Datasheet HTML 5Page - Fujitsu Component Limited. MB89140_01 Datasheet HTML 6Page - Fujitsu Component Limited. MB89140_01 Datasheet HTML 7Page - Fujitsu Component Limited. MB89140_01 Datasheet HTML 8Page - Fujitsu Component Limited. MB89140_01 Datasheet HTML 9Page - Fujitsu Component Limited. MB89140_01 Datasheet HTML 10Page - Fujitsu Component Limited. MB89140_01 Datasheet HTML 11Page - Fujitsu Component Limited. MB89140_01 Datasheet HTML 12Page - Fujitsu Component Limited. MB89140_01 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9
MB89140 Series
(Continued)
*1: DIP-64P-M01
*2: MDP-64C-P02
*3: FPT-64P-M06
*4: MQP-64C-P01
Pin no.
Pin name
Circuit
type
Function
SDIP*1
MDIP*2
QFP*3
MQFP*4
38
31
P37/DTTI
J
General-purpose I/O port
The input is a hysteresis input type and with a built-in
noise canceller. When overcurrent is detected, the 12-
bit MPG output can be inactivated by the external edge
input.
39
32
P36/PWO1
J
General-purpose I/O port
The input is a hysteresis input type and with a built-in
noise canceller. Also serves as a 12-bit MPG output.
40
33
P35/EC
J
General-purpose I/O port
The input is a hysteresis input type and with a built-in
noise canceller. Also serves as the external clock input
for the 8/16-bit timer/counter.
41
34
P34/SI
J
General-purpose I/O port
The input is a hysteresis input type and with a built-in
noise canceller. Also serves as the serial data input for
the 8-bit serial interface.
42
35
P33/SO
J
General-purpose I/O port
The input is a hysteresis input type and with a built-in
noise canceller. Also serves as the serial data output
for the 8-bit serial interface.
43
36
P32/SCK
J
General-purpose I/O port
The input is a hysteresis input type and with a built-in
noise canceller. Also serves as the serial transfer clock
for the 8-bit serial interface.
44
37
P31/INT1
F
General-purpose I/O port
The output is an N-ch open-drain type. The input is a
hysteresis input type and with a built-in noise canceller.
Also serves as an external interrupt. The interrupt
input is also a hysteresis input type and with a built-in
noise canceller.
45
38
P30/INT0/TRG
J
General-purpose I/O port
The input is a hysteresis input type and with a built-in
noise canceller. Also serve as an external interrupt or
as an MPG trigger input. The interrupt input is also a
hysteresis input type and with a built-in noise canceller.
1
58
BZ
I
Buzzer output-only pin
P-ch high-voltage open-drain output port
19 to 26,
11 to 18
12 to 19,
4 to 11
P47 to P40,
P57 to P50
H
Low-current P-ch high-voltage open-drain output ports
Products with and without a built-in pull-down resistor
between these pins and the VFDP pin are provided.


Similar Part No. - MB89140_01

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89140 FUJITSU-MB89140 Datasheet
745Kb / 50P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89140_01

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com