Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C27566-24AXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C27566-24AXI
Description  PSoC??Mixed Signal Array
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27566-24AXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C27566-24AXI Datasheet HTML 3Page - Cypress Semiconductor CY8C27566-24AXI Datasheet HTML 4Page - Cypress Semiconductor CY8C27566-24AXI Datasheet HTML 5Page - Cypress Semiconductor CY8C27566-24AXI Datasheet HTML 6Page - Cypress Semiconductor CY8C27566-24AXI Datasheet HTML 7Page - Cypress Semiconductor CY8C27566-24AXI Datasheet HTML 8Page - Cypress Semiconductor CY8C27566-24AXI Datasheet HTML 9Page - Cypress Semiconductor CY8C27566-24AXI Datasheet HTML 10Page - Cypress Semiconductor CY8C27566-24AXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
June 1, 2004
Document No. 38-12019 Rev. *B
7
CY8C27x66 Preliminary Data Sheet
PSoC™ Overview
Document Conventions
Acronyms Used
The following table lists the acronyms that are used in this doc-
ument.
Units of Measure
A units of measure table is located in the Electrical Specifica-
tions section. Table 3-1 on page 15 lists all the abbreviations
used to measure the PSoC devices.
Numeric Naming
Hexidecimal numbers are represented with all letters in upper-
case with an appended lowercase ‘h’ (for example, ‘14h’ or
‘3Ah’). Hexidecimal numbers may also be represented by a ‘0x’
prefix, the C coding convention. Binary numbers have an
appended lowercase ‘b’ (e.g., 01010100b’ or ‘01000011b’).
Numbers not indicated by an ‘h’, ‘b’, or 0x are decimal.
Table of Contents
For an in depth discussion and more information on your PSoC
device, obtain the PSoC Mixed Signal Array Technical Refer-
ence Manual
. This document encompasses and is organized
into the following chapters and sections.
1.
Pin Information ............................................................. 8
1.1
Pinouts ................................................................... 8
1.1.1
28-Pin Part Pinout ..................................... 8
1.1.2
44-Pin Part Pinout ..................................... 9
1.1.3
48-Pin Part Pinouts .................................. 10
2.
Register Reference ..................................................... 12
2.1
Register Conventions ........................................... 12
2.1.1
Abbreviations Used .................................. 12
2.2
Register Mapping Tables ..................................... 12
3.
Electrical Specifications ............................................ 15
3.1
Absolute Maximum Ratings ................................ 16
3.2
Operating Temperature ....................................... 16
3.3
DC Electrical Characteristics ................................ 17
3.3.1
DC Chip-Level Specifications ................... 17
3.3.2
DC General Purpose IO Specifications .... 17
3.3.3
DC Operational Amplifier Specifications ... 18
3.3.4
DC Analog Output Buffer Specifications ... 19
3.3.5
DC Switch Mode Pump Specifications ..... 20
3.3.6
DC Analog Reference Specifications ....... 21
3.3.7
DC Analog PSoC Block Specifications ..... 22
3.3.8
DC POR, SMP, and LVD Specifications ... 23
3.3.9
DC Programming Specifications ............... 24
3.4
AC Electrical Characteristics ................................ 25
3.4.1
AC Chip-Level Specifications ................... 25
3.4.2
AC General Purpose IO Specifications .... 27
3.4.3
AC Operational Amplifier Specifications ... 28
3.4.4
AC Digital Block Specifications ................. 30
3.4.5
AC Analog Output Buffer Specifications ... 31
3.4.6
AC External Clock Specifications ............. 32
3.4.7
AC Programming Specifications ............... 32
3.4.8
AC I2C Specifications ............................... 33
4.
Packaging Information ............................................... 34
4.1
Packaging Dimensions ......................................... 34
4.2
Thermal Impedances .......................................... 37
4.3
Capacitance on Crystal Pins ............................... 37
5.
Ordering Information .................................................. 38
5.1
Ordering Code Definitions ................................... 38
6.
Sales and Service Information .................................. 39
6.1
Revision History .................................................. 39
6.2
Copyrights ............................................................ 39
Acronym
Description
AC
alternating current
ADC
analog-to-digital converter
API
application programming interface
CPU
central processing unit
CT
continuous time
DAC
digital-to-analog converter
DC
direct current
EEPROM
electrically erasable programmable read-only memory
FSR
full scale range
GPIO
general purpose IO
IO
input/output
IPOR
imprecise power on reset
LSb
least-significant bit
LVD
low voltage detect
MSb
most-significant bit
PC
program counter
POR
power on reset
PPOR
precision power on reset
PSoC™
Programmable System-on-Chip
PWM
pulse width modulator
RAM
random access memory
ROM
read only memory
SC
switched capacitor
SMP
switch mode pump
TBD
to be determined


Similar Part No. - CY8C27566-24AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27543 CYPRESS-CY8C27543 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27543 CYPRESS-CY8C27543 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 64P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C27566-24AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22113 CYPRESS-CY8C22113_04 Datasheet
754Kb / 36P
   PSoC??Mixed Signal Array
CY8C24123 CYPRESS-CY8C24123 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C27143 CYPRESS-CY8C27143 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C21123 CYPRESS-CY8C21123 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C24123A CYPRESS-CY8C24123A Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C22213 CYPRESS-CY8C22213 Datasheet
2Mb / 304P
   PSoC Mixed Signal Array
CY8C21534 CYPRESS-CY8C21534 Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466 Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com