Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDP3300A Datasheet(PDF) 8 Page - Micronas

Part # DDP3300A
Description  Single-Chip Display and Deflection Processor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3300A Datasheet(HTML) 8 Page - Micronas

Back Button DDP3300A Datasheet HTML 4Page - Micronas DDP3300A Datasheet HTML 5Page - Micronas DDP3300A Datasheet HTML 6Page - Micronas DDP3300A Datasheet HTML 7Page - Micronas DDP3300A Datasheet HTML 8Page - Micronas DDP3300A Datasheet HTML 9Page - Micronas DDP3300A Datasheet HTML 10Page - Micronas DDP3300A Datasheet HTML 11Page - Micronas DDP3300A Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
PRELIMINARY DATA SHEET
DDP 3300 A
MICRONAS INTERMETALL
8
2.1.4. Dynamic Peaking
Especially with decoded composite signals and notch fil-
ter luminance separation, as input signals, it is neces-
sary to improve the luminance frequency characteris-
tics. With transparent, high-bandwidth signals, it is
sometimes desirable to soften the image.
In the DDP 3300 A, the luma response is improved by
‘dynamic’ peaking. The algorithm has been optimized
regarding step and frequency response. It adapts to the
amplitude of the high frequency part. Small AC ampli-
tudes are processed, while large AC amplitudes stay
nearly unmodified.
The dynamic range can be adjusted from
*14 to
)14 dB for small high frequency signals. There is sepa-
rate adjustment for signal overshoot and for signal un-
dershoot. For large signals, the dynamic range is limited
by a non-linear function that does not create any visible
alias components. The peaking can be switched over to
“softening” by inverting the peaking term by software.
The center frequency of the peaking filter is switchable
from 2.5 MHz to 3.2 MHz. For S-VHS and for notch filter
color decoding, the total system frequency responses
for both PAL and NTSC are shown in figure 2–4.
Transients, produced by the dynamic peaking when
switching video source signals, can be suppressed via
the priority bus.
Fig. 2–3:Dynamic peaking frequency response
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
CF= 3.2 MHz
CF= 2.5 MHz
S-VHS
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
CF= 3.2 MHz
CF= 2.5 MHz
PAL/SECAM
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
CF= 2.5 MHz
CF= 3.2 MHz
Fig. 2–4:Total frequency response for peaking filter and S-VHS, PAL, NTSC
NTSC


Similar Part No. - DDP3300A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DDP3310 TOSHIBA-DDP3310 Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
Micronas
DDP3310B MICRONAS-DDP3310B Datasheet
1Mb / 60P
   Display and Deflection Processor
More results

Similar Description - DDP3300A

ManufacturerPart #DatasheetDescription
logo
Micronas
DDP3310B MICRONAS-DDP3310B Datasheet
1Mb / 60P
   Display and Deflection Processor
logo
Hitachi Semiconductor
HA11517BNT HITACHI-HA11517BNT Datasheet
121Kb / 5P
   DISPLAY DEFLECTION SIGNAL PROCESSOR
logo
Samsung semiconductor
KA2138N SAMSUNG-KA2138N Datasheet
114Kb / 4P
   DEFLECTION PROCESSOR FOR CRY DISPLAY
logo
STMicroelectronics
EF9345 STMICROELECTRONICS-EF9345 Datasheet
554Kb / 38P
   HMOS2 SINGLE CHIP SEMI-GRAPHIC DISPLAY PROCESSOR
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
   EDDC Enhanced Deflection Controller and RGB Processor
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com