Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C27566 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C27566
Description  PSoC??Mixed Signal Array
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27566 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C27566 Datasheet HTML 1Page - Cypress Semiconductor CY8C27566 Datasheet HTML 2Page - Cypress Semiconductor CY8C27566 Datasheet HTML 3Page - Cypress Semiconductor CY8C27566 Datasheet HTML 4Page - Cypress Semiconductor CY8C27566 Datasheet HTML 5Page - Cypress Semiconductor CY8C27566 Datasheet HTML 6Page - Cypress Semiconductor CY8C27566 Datasheet HTML 7Page - Cypress Semiconductor CY8C27566 Datasheet HTML 8Page - Cypress Semiconductor CY8C27566 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
June 2004
© Cypress MicroSystems, Inc. 2004 — Document No. 38-12019 Rev. *B
1
PSoC™ Mixed Signal Array
Preliminary Data Sheet
CY8C27466, CY8C27566, and CY8C27666
PSoC™ Functional Overview
The PSoC™ family consists of many Mixed Signal Array with
On-Chip Controller devices. These devices are designed to
replace multiple traditional MCU-based system components
with one, low cost single-chip programmable device. PSoC
devices include configurable blocks of analog and digital logic,
as well as programmable interconnects. This architecture
allows the user to create customized peripheral configurations
that match the requirements of each individual application.
Additionally, a fast CPU, Flash program memory, SRAM data
memory, and configurable IO are included in a range of conve-
nient pinouts and packages.
The PSoC architecture, as illustrated on the left, is comprised of
four main areas: PSoC Core, Digital System, Analog System,
and System Resources. Configurable global busing allows all
the device resources to be combined into a complete custom
system. The PSoC CY8C27x66 family can have up to five IO
ports that connect to the global digital and analog interconnects,
providing access to 16 digital blocks and 12 analog blocks.
The PSoC Core
The PSoC Core is a powerful engine that supports a rich fea-
ture set. The core includes a CPU, memory, clocks, and config-
urable GPIO (General Purpose IO).
The M8C CPU core is a powerful processor with speeds up to
24 MHz, providing a four MIPS 8-bit Harvard architecture micro-
processor. The CPU utilizes an interrupt controller with 18 vec-
Features
■ Powerful Harvard Architecture Processor
❐ M8C Processor Speeds to 24 MHz
❐ Two 8x8 Multiply, 32-Bit Accumulate
❐ Low Power at High Speed
❐ 3.0 to 5.25 V Operating Voltage
❐ Operating Voltages Down to 1.0V Using On-
Chip Switch Mode Pump (SMP)
❐ Industrial Temperature Range: -40°C to +85°C
■ Advanced Peripherals (PSoC Blocks)
❐ 12 Rail-to-Rail Analog PSoC Blocks Provide:
- Up to 14-Bit ADCs
- Up to 9-Bit DACs
- Programmable Gain Amplifiers
- Programmable Filters and Comparators
❐ 8 Digital PSoC Blocks Provide:
- 8- to 32-Bit Timers, Counters, and PWMs
- CRC and PRS Modules
- Up to 2 Full-Duplex UARTs
- Multiple SPI
 Masters or Slaves
- Connectable to all GPIO Pins
❐ Complex Peripherals by Combining Blocks
■ Precision, Programmable Clocking
❐ Internal ±2.5% 24/48 MHz Oscillator
❐ 24/48 MHz with Optional 32.768 kHz Crystal
❐ Optional External Oscillator, up to 24 MHz
❐ Internal Oscillator for Watchdog and Sleep
■ Flexible On-Chip Memory
❐ 32K Bytes Flash Program Storage 50,000
Erase/Write Cycles
❐ 1K Bytes SRAM Data Storage
❐ In-System Serial Programming (ISSP)
❐ Partial Flash Updates
❐ Flexible Protection Modes
❐ EEPROM Emulation in Flash
■ Programmable Pin Configurations
❐ 25 mA Sink on all GPIO
❐ Pull up, Pull down, High Z, Strong, or Open
Drain Drive Modes on all GPIO
❐ Up to 12 Analog Inputs on GPIO
❐ Four 40 mA Analog Outputs on GPIO
❐ Configurable Interrupt on all GPIO
■ Additional System Resources
❐ I2C Slave, Master, and Multi-Master to
400 kHz
❐ Watchdog and Sleep Timers
❐ User-Configurable Low Voltage Detection
❐ Integrated Supervisory Circuit
❐ On-Chip Precision Voltage Reference
■ Complete Development Tools
❐ Free Development Software
(PSoC™ Designer)
❐ Full-Featured, In-Circuit Emulator and
Programmer
❐ Full Speed Emulation
❐ Complex Breakpoint Structure
❐ 128K Bytes Trace Memory
❐ Complex Events
❐ C Compilers, Assembler, and Linker
DIGITAL SYSTEM
SRAM
1K
Interrupt
Controller
Sleep and
Watchdog
Multiple Clock Sources
(Includes IMO, ILO, PLL, and ECO)
Global Digital Interconnect
Global Analog Interconnect
PSoC
CORE
CPU Core (M8C)
SROM
Flash 32K
Digital
Block Array
Two
Multiply
Accum.
Switch
Mode
Pump
Internal
Voltage
Ref.
Digital
Clocks
POR and LVD
System Resets
Decimator
SYSTEM RESOURCES
ANALOG SYSTEM
Analog
Block
Array
Analog
Ref
Analog
Input
Muxing
I C
2
(2 Rows,
8 Blocks)
(4 Columns,
12 Blocks)
Port 5
Port 4
Port 3
Port 2
Port 1
Port 0
Analog
Drivers
SYSTEM BUS


Similar Part No. - CY8C27566

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27543 CYPRESS-CY8C27543 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27543 CYPRESS-CY8C27543 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 64P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C27566

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22113 CYPRESS-CY8C22113_04 Datasheet
754Kb / 36P
   PSoC??Mixed Signal Array
CY8C24123 CYPRESS-CY8C24123 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C27143 CYPRESS-CY8C27143 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C21123 CYPRESS-CY8C21123 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C24123A CYPRESS-CY8C24123A Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C22213 CYPRESS-CY8C22213 Datasheet
2Mb / 304P
   PSoC Mixed Signal Array
CY8C21534 CYPRESS-CY8C21534 Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466 Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com