Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89125A Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB89125A
Description  8-bit Proprietary Microcontroller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89125A Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB89125A Datasheet HTML 1Page - Fujitsu Component Limited. MB89125A Datasheet HTML 2Page - Fujitsu Component Limited. MB89125A Datasheet HTML 3Page - Fujitsu Component Limited. MB89125A Datasheet HTML 4Page - Fujitsu Component Limited. MB89125A Datasheet HTML 5Page - Fujitsu Component Limited. MB89125A Datasheet HTML 6Page - Fujitsu Component Limited. MB89125A Datasheet HTML 7Page - Fujitsu Component Limited. MB89125A Datasheet HTML 8Page - Fujitsu Component Limited. MB89125A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MB89120/120A Series
4
s
s
s
s PACKAGE AND CORRESPONDING PRODUCTS
: Available,
: Not available
Note : Package details of OTPROM products and piggyback/evaluation products are common to those of MB89130/
130A series. Refer to the MB89130/130A series data sheet for details.
s
s
s
s DIFFERENCES AMONG PRODUCTS
1.
Memory Size
Before evaluating using the one-time ROM product, verify its difference from the product that will actually be
used. Take particular care on the following points :
• The number of register banks available is different between the MB89121 and the MB89123A/125A/P135A/
PV130A.
• The stack area, etc., is set at the upper limit of the RAM.
2.
Current Consumption
• When operated at low speed, a product with an OTPROM (EPROM) will consume more current than a product
with a mask ROM. However, the same is current consumption in the sleep/stop mode is the same. (For more
information, see “s ELECTRICAL CHARACTERISTICS”.)
• In the case of the MB89PV130A, added is the current consumed by the EPROM which is connected to the
top socket.
3.
Mask Options
Functions that can be selected as options and how to designate these options vary with product.
Before using options, check “s MASK OPTIONS”.
Take particular care on the following point :
• Pull-up resistor can’t be set for P40 to P43 on the MB89P135A.
• Options are fixed on the MB89PV130A.
Package
MB89121
MB89123A
MB89125A
MB89P133A
MB89P131
FPT-48P-M13
MQP-48C-P01
Package
MB89P135A
MB89PV130A
FPT-48P-M13
MQP-48C-P01
×××××
×
×
×


Similar Part No. - MB89125A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89125A FUJITSU-MB89125A Datasheet
593Kb / 47P
   8-bit Proprietary Microcontroller
MB89125APFM FUJITSU-MB89125APFM Datasheet
593Kb / 47P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89125A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com