Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP83121DR Datasheet(PDF) 6 Page - Power Innovations Ltd

Part # TISP83121DR
Description  DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP83121DR Datasheet(HTML) 6 Page - Power Innovations Ltd

  TISP83121DR Datasheet HTML 1Page - Power Innovations Ltd TISP83121DR Datasheet HTML 2Page - Power Innovations Ltd TISP83121DR Datasheet HTML 3Page - Power Innovations Ltd TISP83121DR Datasheet HTML 4Page - Power Innovations Ltd TISP83121DR Datasheet HTML 5Page - Power Innovations Ltd TISP83121DR Datasheet HTML 6Page - Power Innovations Ltd TISP83121DR Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TISP83121D
DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
6
FEBRUARY 1999
P R ODUCT I N FORMA T ION
MECHANICAL DATA
D008
plastic small-outline package
This small-outline package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
5,21 (0.205)
4,60 (0.181)
NOTES: A. Leads are within 0,25 (0.010) radius of true position at maximum material condition.
B. Body dimensions do not include mold flash or protrusion.
C. Mold flash or protrusion shall not exceed 0,15 (0.006).
D. Lead tips to be planar within ±0,051 (0.002).
1,75 (0.069)
1,35 (0.053)
6,20 (0.244)
5,80 (0.228)
5,00 (0.197)
4,80 (0.189)
D008
8
765
4
3
2
1
4,00 (0.157)
3,81 (0.150)
7° NOM
3 Places
7° NOM
4 Places
0,51 (0.020)
0,36 (0.014)
8 Places
Pin Spacing
1,27 (0.050)
(see Note A)
6 Places
1,12 (0.044)
0,51 (0.020)
4° ± 4°
0,79 (0.031)
0,28 (0.011)
0,203 (0.008)
0,102 (0.004)
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
Designation per JEDEC Std 30:
PDSO-G8
0,50 (0.020)
0,25 (0.010)
x 45°NOM
0,229 (0.0090)
0,190 (0.0075)
MDXXAA


Similar Part No. - TISP83121DR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP83121D BOURNS-TISP83121D Datasheet
387Kb / 5P
   DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
TISP83121D BOURNS-TISP83121D_08 Datasheet
387Kb / 5P
   DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
More results

Similar Description - TISP83121DR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP83121D BOURNS-TISP83121D_08 Datasheet
387Kb / 5P
   DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
TISP8250 BOURNS-TISP8250 Datasheet
183Kb / 4P
   UNIDIRECTIONAL P-GATE THYRISTOR OVERVOLTAGE AND OVERCURRENT PROTECTOR
TISP8250D BOURNS-TISP8250D_08 Datasheet
257Kb / 4P
   UNIDIRECTIONAL P-GATE THYRISTOR OVERVOLTAGE AND OVERCURRENT PROTECTOR
TISP1120F3D BOURNS-TISP1120F3D Datasheet
183Kb / 5P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP61089HDM BOURNS-TISP61089HDM Datasheet
218Kb / 7P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTOR PROGRAMMABLE OVERVOLTAGE PROTECTOR
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
logo
Power Innovations Ltd
TISP61CAP3 POINN-TISP61CAP3 Datasheet
89Kb / 5P
   PROGRAMMABLE OVERVOLTAGE PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com