Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89130A Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB89130A
Description  8-bit Proprietary Microcontroller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89130A Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB89130A Datasheet HTML 6Page - Fujitsu Component Limited. MB89130A Datasheet HTML 7Page - Fujitsu Component Limited. MB89130A Datasheet HTML 8Page - Fujitsu Component Limited. MB89130A Datasheet HTML 9Page - Fujitsu Component Limited. MB89130A Datasheet HTML 10Page - Fujitsu Component Limited. MB89130A Datasheet HTML 11Page - Fujitsu Component Limited. MB89130A Datasheet HTML 12Page - Fujitsu Component Limited. MB89130A Datasheet HTML 13Page - Fujitsu Component Limited. MB89130A Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
MB89130/130A Series
10
(Continued)
*1 : DIP-48P-M01
*2 : FPT-48P-M13
Pin no.
Pin name
Circuit
type
Function
SH-DIP*1
QFP*2
17
35
P37/BZ/ (RCO)
F
General-purpose I/O port
Also serves as a buzzer output. This port is of hysteresis
input type. On the MB89130A series, this port also serves
as a remote control output.
30 to 27
48 to 45
P40/AN0 to
P43/AN3
H
N-ch open-drain output ports
Also serve as an analog input for the A/D converter.
37
7
VCC
Power supply pin
119
VSS
Power supply (GND) pin
31
1
AVCC
A/D converter power supply pin
Use this pin at the same voltage as VCC.
26
44
AVR
A/D converter reference voltage input pin
25
43
AVSS
A/D converter power supply pin
Use this pin at the same voltage as VSS.


Similar Part No. - MB89130A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89130A FUJITSU-MB89130A Datasheet
738Kb / 59P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89130A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com