Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3111D201C Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R3111D201C
Description  LOW VOLTAGE DETECTOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3111D201C Datasheet(HTML) 1 Page - RICOH electronics devices division

  R3111D201C Datasheet HTML 1Page - RICOH electronics devices division R3111D201C Datasheet HTML 2Page - RICOH electronics devices division R3111D201C Datasheet HTML 3Page - RICOH electronics devices division R3111D201C Datasheet HTML 4Page - RICOH electronics devices division R3111D201C Datasheet HTML 5Page - RICOH electronics devices division R3111D201C Datasheet HTML 6Page - RICOH electronics devices division R3111D201C Datasheet HTML 7Page - RICOH electronics devices division R3111D201C Datasheet HTML 8Page - RICOH electronics devices division R3111D201C Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
R3111x SERIES
LOW VOLTAGE DETECTOR
NO.EA-056-070829
1
OUTLINE
The R3111x series are CMOS-based voltage detector ICs with high detector threshold accuracy and ultra-low
supply current, which can be operated at an extremely low voltage and is used for system reset as an example.
Each of these ICs consists of a voltage reference unit, a comparator, resistors for detector threshold setting,
an output driver and a hysteresis circuit. The detector threshold is fixed with high accuracy internally and does
not require any adjustment.
Three output types, Nch open drain “L” type, Nch open drain “H” type and CMOS type are available.
The R3111x Series are operable at a lower voltage than that for the Rx5VL series, and can be driven by a
single battery.
Six types of packages, TO-92, SOT-89, SOT-23-3, SOT-23-5, SC-82AB, and SON1612-6 are available.
FEATURES
• Supply Current ......................................................................Typ. 0.8µA (VDD=1.5V)
• Range of Operating Voltage..................................................0.7V to 10.0V (Topt=25°C)
• Detector Threshold................................................................0.9V to 6.0V
• Accuracy Detector Threshold................................................±2.0%
• Temperature-Drift Coefficient of Detector Threshold ............Typ. ±100ppm/°C
• Output Types.........................................................................Nch Open Drain “L”, Nch Open Drain “H”, and
CMOS
• Packages ..............................................................................TO-92, SOT-89, SOT-23-3, SOT-23-5,
SC-82AB, SON1612-6
APPLICATIONS
• CPU and Logic Circuit Reset
• Battery Checker
• Window Comparator
• Wave Shaping Circuit
• Battery Back-up Circuit
• Power Failure Detector


Similar Part No. - R3111D201C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111E091A RICOH-R3111E091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111E091A RICOH-R3111E091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111E091A-T1 RICOH-R3111E091A-T1 Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111E091A-TR RICOH-R3111E091A-TR Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111E091A-TZ RICOH-R3111E091A-TZ Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3111D201C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com