Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM30RSF060 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PM30RSF060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM30RSF060 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  PM30RSF060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM30RSF060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM30RSF060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM30RSF060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM30RSF060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM30RSF060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM30RSF060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM30RSF060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Sep.1998
Inverter Part
MITSUBISHI INTELLIGENT POWER MODULES
PM30RSF060
FLAT-BASE TYPE
INSULATED PACKAGE
0
1
2
3
4
5
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
010
40
20
30
VD = 15V
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
0
1.0
2.0
3.0
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
012
14
16
18
20
IC = 30A
VCIN = 0V
T
Tj = 25
oC
Tj = 125
oC
0
1.0
0
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
2.5
10
40
30
20
0.5
1.5
Tj = 25
oC
VCIN = 0V
VD = 17V
15
2.0
13
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
ton
100
101
toff
VCC = 300V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
tc(on)
100
101
tc(off)
VCC = 300V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
100
101
102
100
COLLECTOR REVERSE CURRENT, -IC, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
101
102
VCC = 300V
VC = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
0
1.0
100
00
101
102
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
3.0
2.0
Tj = 25
oC
Tj = 125
oC
VD = 15V
VCIN = 15V
DIODE FORWARD CHARACTERISTICS
70
80
90
100
110
OVER CURRENT TRIP LEVEL VS.
SUPPLY VOLTAGE (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
012
14
16
18
20
Tj = 25
oC
60
70
90
100
110
OVER CURRENT TRIP LEVEL VS.
TEMPERATURE (TYPICAL)
JUNCTION TEMPERATURE, Tj, (
oC)
-50
0
50
100
150
80
VD = 15V


Similar Part No. - PM30RSF060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM30RSF060 POWEREX-PM30RSF060 Datasheet
96Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (30 Amperes/600 Volts)
More results

Similar Description - PM30RSF060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com