Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5205CX5 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS5205CX5
Description  150mA Low Noise LDO Voltage Regulator with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5205CX5 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS5205CX5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5205CX5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5205CX5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5205CX5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5205CX5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5205CX5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS5205 series
2-6
2004/09 rev. B
Absolute Maximum Rating (Note 1)
Input Supply Voltage
Vin
-20~ +20
V
Enable Input Voltage
Vce
-20~ +20
V
Power Dissipation (Note 2)
PD
Internal limited
Thermal Resistance
Өja
220
oC/W
Operating Junction Temperature Range
Tj
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Recommend Operating Rating (Note 3)
Input Supply Voltage
Vin
+2.5 ~ +16
V
Enable Input Voltage
Vce
0 ~ Vin
V
Electrical Characteristics
Vin=Vo+1V, Io=100uA, Cout=1uF, Vce
2V, Tj = 25 oC, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
Vin=Vo + 1V
0.99|Vo|
Vout
1.01|Vo|
V
Output Voltage Temp. Coefficient
(Note 4)
--
40
--
ppm/
oC
Line Regulation
Vo+1V ≤ Vin ≤ 16V
--
0.005
0.05
%/V
Load Regulation (Note 5)
0.1mA ≤ Io ≤ 150mA
--
0.02
0.2
%/V
Io=100uA
--
17
50
Io=50mA
--
110
150
Io=100mA
--
140
250
Dropout Voltage (Note 6)
Io=150mA
--
165
275
mV
Quiescent Current
Vin≤0.4V (shutdown)
Vin≤0.18V (shutdown)
--
--
0.01
--
1
5
uA
Io=100uA
--
80
125
Io=50mA
--
350
600
Io=100mA
--
600
1000
Ground Pin Current (Note 7)
Vce
2V
Io=150mA
--
1300
1900
uA
Output Current Limit
Vout=0V
--
300
500
mA
Power Supply Rejection Ratio
At f=100Hz, Io=100uA,
--
75
--
dB
Thermal Regulation (Note 8)
--
0.05
--
%/W
Output Noise
Io=50mA, Cout=2.2uF,
470pF from bypass to Ground
--
260
--
nV√Hz
Enable function
Enable Input Logic-Low Voltage
Regulation shutdown
--
--
0.4
V
Enable Input Logic-High Voltage
Regulation enable
2.0
--
--
V
VIL≤ 0.4V
--
0.01
-1
Enable Input Current
VIH≥ 2.0V
--
5
20
uA


Similar Part No. - TS5205CX5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5205CX5 TSC-TS5205CX5 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5205CX5 TSC-TS5205CX5 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205CX51.8 TSC-TS5205CX51.8 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5205CX518 TSC-TS5205CX518 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5205CX52.5 TSC-TS5205CX52.5 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
More results

Similar Description - TS5205CX5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_10 Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_07 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com