Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP7082F3 Datasheet(PDF) 11 Page - Power Innovations Ltd

Part # TISP7082F3
Description  TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP7082F3 Datasheet(HTML) 11 Page - Power Innovations Ltd

Back Button TISP7082F3 Datasheet HTML 7Page - Power Innovations Ltd TISP7082F3 Datasheet HTML 8Page - Power Innovations Ltd TISP7082F3 Datasheet HTML 9Page - Power Innovations Ltd TISP7082F3 Datasheet HTML 10Page - Power Innovations Ltd TISP7082F3 Datasheet HTML 11Page - Power Innovations Ltd TISP7082F3 Datasheet HTML 12Page - Power Innovations Ltd TISP7082F3 Datasheet HTML 13Page - Power Innovations Ltd TISP7082F3 Datasheet HTML 14Page - Power Innovations Ltd TISP7082F3 Datasheet HTML 15Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
MARCH 1994 - REVISED MARCH 2000
TISP7072F3, TISP7082F3
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
P R O D UCT
INFORM A T ION
APPLICATIONS INFORMATION
deployment
These devices are three terminal overvoltage protectors. They limit the voltage between three points in the
circuit. Typically, this would be the two line conductors and protective ground (Figure 17).
In Figure 17, protectors Th2 and Th3 limit the maximum voltage between each conductor and ground to the
±V(BO) of the individual protector. Protector Th1 limits the maximum voltage between the two conductors to its
±V(BO) value.
lightning surge
wave shape notation
Most lightning tests, used for equipment verification, specify a unidirectional sawtooth waveform which has an
exponential rise and an exponential decay. Wave shapes are classified in terms of rise time in microseconds
and a decay time in microseconds to 50% of the maximum amplitude. The notation used for the wave shape
is rise time/decay time, without the microseconds quantity and the “/” between the two values has no
mathematical significance. A 50A, 5/310 waveform would have a peak current value of 50 A, a rise time of
5 µs and a decay time of 310 µs. The TISP® surge current graph comprehends the wave shapes of commonly
used surges.
generators
There are three categories of surge generator type: single wave shape, combination wave shape and circuit
defined. Single wave shape generators have essentially the same wave shape for the open circuit voltage and
short circuit current (e.g. 10/1000 open circuit voltage and short circuit current). Combination generators have
two wave shapes, one for the open circuit voltage and the other for the short circuit current (e.g. 1.2/50 open
circuit voltage and 8/20 short circuit current) Circuit specified generators usually equate to a combination
generator, although typically only the open circuit voltage wave shape is referenced (e.g. a 10/700 open
circuit voltage generator typically produces a 5/310 short circuit current). If the combination or circuit defined
generators operate into a finite resistance the wave shape produced is intermediate between the open circuit
and short circuit values.
ITU-T 10/700 generator
This circuit defined generator is specified in many standards. The descriptions and values are not consistent
between standards and it is important to realise that it is always the same generator being used.
Figure 18 shows the 10/700 generator circuit defined in ITU-T recommendation K.20 (10/96) “Resistibility of
telecommunication switching equipment to overvoltages and overcurrents”. The basic generator comprises
of:
capacitor C1, charged to voltage VC, which is the energy storage element.
switch SW to discharge the capacitor into the output shaping network
Figure 17. MULTI-POINT PROTECTION
Th3
Th2
Th1


Similar Part No. - TISP7082F3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7082F3 BOURNS-TISP7082F3 Datasheet
829Kb / 15P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7082F3D BOURNS-TISP7082F3D Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7082F3D-S BOURNS-TISP7082F3D-S Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7082F3DR BOURNS-TISP7082F3DR Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7082F3DR-S BOURNS-TISP7082F3DR-S Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP7082F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com