Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88153A Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB88153A
Description  Spread Spectrum Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88153A Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB88153A Datasheet HTML 3Page - Fujitsu Component Limited. MB88153A Datasheet HTML 4Page - Fujitsu Component Limited. MB88153A Datasheet HTML 5Page - Fujitsu Component Limited. MB88153A Datasheet HTML 6Page - Fujitsu Component Limited. MB88153A Datasheet HTML 7Page - Fujitsu Component Limited. MB88153A Datasheet HTML 8Page - Fujitsu Component Limited. MB88153A Datasheet HTML 9Page - Fujitsu Component Limited. MB88153A Datasheet HTML 10Page - Fujitsu Component Limited. MB88153A Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MB88153A
7
■ PIN SETTING
When changing the pin setting, the stabilization wait time for the modulation clock required. The stabilization
wait time for the modulation clock takes the maximum value of Lock-Up time in “
■ ELECTRICAL CHARACTER-
ISTICS
• AC Characteristics”.
ENS modulation enable setting
Note : Spectrum does not spread when “L” is set to ENS. The clock with low jitter can be obtained.
FREQ0, FREQ1 frequency setting
Note : It is set according to the frequency of the clock input to the device. Set FREQ0 pin to “H” for the pin opened
because FREQ0 pin has pull-up resistor.
XPD power down setting
Note : When “L” is set to XPD pin, the power down operation is implemented and “L” is output to CKOUT pin. When
“H” is input to XPD pin or XPD pin is opened, normal operation is implemented because the XPD pin has
pull-up resistor.
ENS
Modulation
L
No modulation
H
Modulation
FREQ0
FREQ1
Input frequency range
L
L
16.6 MHz to 40 MHz
L
H
66 MHz to 134 MHz
H
L
33 MHz to 67 MHz
H
H
40 MHz to 80 MHz
XPD
Power down
L
Power down
H
Normal operation


Similar Part No. - MB88153A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88153A FUJITSU-MB88153A Datasheet
236Kb / 24P
   Spread Spectrum Clock Generator
MB88153A FUJITSU-MB88153A Datasheet
394Kb / 4P
   Spread Spectrum Clock Generator
MB88153A-100 FUJITSU-MB88153A-100 Datasheet
236Kb / 24P
   Spread Spectrum Clock Generator
MB88153A-101 FUJITSU-MB88153A-101 Datasheet
236Kb / 24P
   Spread Spectrum Clock Generator
MB88153A-110 FUJITSU-MB88153A-110 Datasheet
236Kb / 24P
   Spread Spectrum Clock Generator
More results

Similar Description - MB88153A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com