Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3793-30APFV Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB3793-30APFV
Description  Power Voltage Monitoring IC with Watchdog Timer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3793-30APFV Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB3793-30APFV Datasheet HTML 2Page - Fujitsu Component Limited. MB3793-30APFV Datasheet HTML 3Page - Fujitsu Component Limited. MB3793-30APFV Datasheet HTML 4Page - Fujitsu Component Limited. MB3793-30APFV Datasheet HTML 5Page - Fujitsu Component Limited. MB3793-30APFV Datasheet HTML 6Page - Fujitsu Component Limited. MB3793-30APFV Datasheet HTML 7Page - Fujitsu Component Limited. MB3793-30APFV Datasheet HTML 8Page - Fujitsu Component Limited. MB3793-30APFV Datasheet HTML 9Page - Fujitsu Component Limited. MB3793-30APFV Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MB3793-30A
6
■ ELECTRICAL CHARACTERISTICS
1.
DC Characteristics
(VCC
= +3.3 V, Ta = +25 °C)
* : The values enclosed in parentheses ( ) are setting assurance values.
2.
AC Characteristics
(VCC
= +3.3 V, Ta = +25 °C)
* : The voltage range is 10
% to 90% at testing the reset output transition time.
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Power supply current
ICC
After exit from reset
31
45
µA
Detection voltage
VSL
VCC falling
Ta
= +25 °C
2.93
3.00
3.07
V
Ta
= −40 °C to +85 °C (2.89)*
3.00
(3.11)*
VSH
VCC rising
Ta
= +25 °C
3.00
3.07
3.14
V
Ta
= −40 °C to +85 °C (2.96)*
3.07
(3.18)*
Detection voltage hysteresis
difference
VSHYS
VSH – VSL
30
70
110
mV
Clock-input threshold voltage
VCIH
CK rising
(0.7)*
1.3
1.9
V
VCIL
CK falling
0.5
1.0
(1.5)*
V
Clock-input hysteresis
VCHYS
(0.1)*
0.3
(0.6)*
V
Inhibition-input voltage
VIIH
2.2
VCC
V
VIIL
0
0.8
Input current
(CK1, CK2, INH)
IIH
VCK
= 5 V
01.0
µA
IIL
VCK
= 0 V
−1.0
0
⎯µA
Reset output voltage
VOH
IRESET
= −3 mA
2.8
3.10
V
VOL
IRESET
= +3 mA
0.12
0.4
V
Reset-output minimum power
voltage
VCCL
IRESET
= +50 µA
0.8
1.2
V
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Power-on reset hold time
tPR
CTP
= 0.1 µF
30
75
120
ms
Watchdog timer monitor time
tWD
CTW
= 0.01 µF,
CTP
= 0.1 µF
816
24
ms
Watchdog timer reset time
tWR
CTP
= 0.1 µF2
5.5
9
ms
Clock input pulse width
tCKW
500
⎯⎯
ns
Clock input pulse cycle
tCKT
20
⎯⎯
µs
Reset (RESET) output transition
time
Rising
tr*CL
= 50 pF
⎯⎯
500
ns
Falling
tf*CL
= 50 pF
⎯⎯
500
ns


Similar Part No. - MB3793-30APFV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-30A CYPRESS-MB3793-30A Datasheet
280Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer Datasheet
More results

Similar Description - MB3793-30APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A_06 Datasheet
259Kb / 24P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-45 FUJITSU-MB3793-45 Datasheet
187Kb / 28P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PNF-G FUJITSU-MB3793-42PNF-G Datasheet
183Kb / 23P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-42 CYPRESS-MB3793-42 Datasheet
293Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-27D CYPRESS-MB3793-27D Datasheet
793Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793 FUJITSU-MB3793 Datasheet
192Kb / 20P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-34D CYPRESS-MB3793-34D Datasheet
781Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
   Power Voltage Monitoring IC with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com