Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB39A106 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB39A106
Description  2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB39A106 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB39A106 Datasheet HTML 2Page - Fujitsu Component Limited. MB39A106 Datasheet HTML 3Page - Fujitsu Component Limited. MB39A106 Datasheet HTML 4Page - Fujitsu Component Limited. MB39A106 Datasheet HTML 5Page - Fujitsu Component Limited. MB39A106 Datasheet HTML 6Page - Fujitsu Component Limited. MB39A106 Datasheet HTML 7Page - Fujitsu Component Limited. MB39A106 Datasheet HTML 8Page - Fujitsu Component Limited. MB39A106 Datasheet HTML 9Page - Fujitsu Component Limited. MB39A106 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MB39A106
6
■ RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Power-supply voltage
VCC
6.5
12
18
V
Boot voltage
VCB
CB terminal
⎯⎯
24
V
Reference voltage output current
IOR
VREF terminal
− 1
0mA
Bias output current
IOB
VB terminal
− 1
0mA
Input voltage
VIN
−INE terminal
0
VCC
− 1.8
V
VCTL
CTL1, CTL2 terminal
0
VREF
V
CTL terminal
0
VCC
V
Output voltage
VPG
PWRGOOD terminal
0
15
V
Output current
IO
⎯− 100
⎯+100
mA
Peak output current
IOP
Duty
≤ 5%
(t
= 1 / fOSC × Duty)
− 700
⎯+700
mA
Oscillation frequency
fOSC
100
300
500
kHz
Timing resistor
RT
30
47
130
k
Boot capacitor
CB
⎯⎯
0.1
1.0
µF
Reference voltage output
capacitor
CREF
VREF terminal
0.1
1.0
µF
Bias output capacitor
CVB
VB terminal
1.0
4.7
10
µF
Soft-start capacitor
CS
⎯⎯
0.1
1
µF
Short-circuit detection capacitor
CSCP
⎯⎯
0.01
1
µF
Overcurrent detection setting
resistor
RLIM
0.1
1
10
k
Operating ambient temperature
Ta
⎯− 30
+ 25
+ 85
°C


Similar Part No. - MB39A106

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A102 FUJITSU-MB39A102 Datasheet
428Kb / 24P
   Evaluation Board
logo
Tyco Electronics
MB39A102 MACOM-MB39A102 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Fujitsu Component Limit...
MB39A102 FUJITSU-MB39A102 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
MB39A102EVB FUJITSU-MB39A102EVB Datasheet
428Kb / 24P
   Evaluation Board
MB39A102PFT FUJITSU-MB39A102PFT Datasheet
428Kb / 24P
   Evaluation Board
More results

Similar Description - MB39A106

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3886 FUJITSU-MB3886 Datasheet
293Kb / 30P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB3889 FUJITSU-MB3889 Datasheet
361Kb / 35P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB39A104 FUJITSU-MB39A104_06 Datasheet
519Kb / 38P
   2-ch DC/DC Converter IC with Overcurrent Protection
MB39A104 FUJITSU-MB39A104_08 Datasheet
393Kb / 40P
   2-ch DC/DC Converter IC with Overcurrent Protection
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB39A104 FUJITSU-MB39A104 Datasheet
380Kb / 36P
   2-ch DC/DC Converter IC
logo
Rohm
BM2P052F ROHM-BM2P052F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P054F ROHM-BM2P054F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com