Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL5DA138 Datasheet(PDF) 1 Page - AverLogic Technologies Inc

Part # AL5DA138
Description  3.3V, 5V Asynchronous Dual-Port SRAM 1k/2k/4K/8K/16K/32K x 8/9/16/18-bit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL5DA138 Datasheet(HTML) 1 Page - AverLogic Technologies Inc

  AL5DA138 Datasheet HTML 1Page - AverLogic Technologies Inc AL5DA138 Datasheet HTML 2Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2003 -Copyright by AverLogic Technologies, Corp.
1-F-PMK008-0001
AL5DAxxxx
3.3V, 5V Asynchronous Dual-Port SRAM
1k/2k/4K/8K/16K/32K x 8/9/16/18-bit
Features
! True dual port memory cells up to 256/288Kb
! Fully asynchronous dual-port SRAM aimed at communications market
! Max. access time: 30 ns
! Separate upper byte and lower byte control for multiplexed bus compatibility (only for 16/18 bit
devices)
! Supports byte write/read for 16/18 bit devices
! On-chip arbitration logic support 3 modes: Busy, Interrupt and Semaphore
-
Busy scheme circuit arbitrate between 2 ports
-
interrupt mechanism allow port to port communication
-
Full hardware support of semaphore to permit software handshaking between ports
! Versatile pin select for Master or Slave mode:
IH
V
S
M/
=
for BUSY output flag on master;
IL
V
S
M/
=
for BUSY input flag on slave
! Expandable data bus to 32/36 bits or more using master/slave chip select when using more than one
device
! Separate upper-byte and lower-byte controls for bus matching (only for 16/18 bit devices)
! 3.3v and 5v series low power respectively
! Compatible and functionally equivalent to IDT or Cypress
! Available in 52-PLCC, 68-PLCC, 84-PLCC, 64-TQFP/STQFP, 80-TQFP, 100-TQFP
Architecture
S
M/
L
CE
L
OE
L
UB
L
LB
R
CE
R
OE
R
UB
R
LB
7/8L
-
0L
IO
-15/17L
8/9L
IO
R
W
R/
)
,
( 2
1
R
BUSY
R
SEM
)
( 2
R
INT
L
W
R/
)
,
(
2
1
L
BUSY
L
SEM
)
( 2
L
INT
15/17R
-
8/9L
IO
7/8R
-
0R
IO
9R
-
0R
A
-14R
10R
A
9L
-
0L
A
14L
-
10L
A


Similar Part No. - AL5DA138

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL5DS9069V AVERLOGIC-AL5DS9069V Datasheet
117Kb / 2P
   3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
AL5DS9079V AVERLOGIC-AL5DS9079V Datasheet
117Kb / 2P
   3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
AL5DS9089V AVERLOGIC-AL5DS9089V Datasheet
117Kb / 2P
   3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
AL5DS9099V AVERLOGIC-AL5DS9099V Datasheet
117Kb / 2P
   3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
AL5DS9159V AVERLOGIC-AL5DS9159V Datasheet
117Kb / 2P
   3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
More results

Similar Description - AL5DA138

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL5DS9XX9V AVERLOGIC-AL5DS9XX9V Datasheet
117Kb / 2P
   3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
logo
Cypress Semiconductor
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com