Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT4012SH Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ACT4012SH
Description  Wide Input 2A Step Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACT4012SH Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  ACT4012SH Datasheet HTML 1Page - List of Unclassifed Manufacturers ACT4012SH Datasheet HTML 2Page - List of Unclassifed Manufacturers ACT4012SH Datasheet HTML 3Page - List of Unclassifed Manufacturers ACT4012SH Datasheet HTML 4Page - List of Unclassifed Manufacturers ACT4012SH Datasheet HTML 5Page - List of Unclassifed Manufacturers ACT4012SH Datasheet HTML 6Page - List of Unclassifed Manufacturers ACT4012SH Datasheet HTML 7Page - List of Unclassifed Manufacturers ACT4012SH Datasheet HTML 8Page - List of Unclassifed Manufacturers ACT4012SH Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ACT4012
PACKAGE OUTLINE
SOP-8 PACKAGE OUTLINE AND DIMENSIONS
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
B
0.330
0.510
0.013
0.020
C
0.190
0.250
0.007
0.010
D
4.780
5.000
0.188
0.197
E
3.800
4.000
0.150
0.157
E1
5.800
6.300
0.228
0.248
e
1.270 TYP
0.050 TYP
L
0.400
1.270
0.016
0.050
θ
Active-Semi, Inc.
- 9 -
www.active-semi.com
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each product
to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use as critical
components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of the use of any
product or circuit described in this data sheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact
sales@active-semi.com or visit www.active-semi.com. For other inquiries, please send to:
1270 Oakmead Parkway, Suite 310, Sunnyvale, California 94085-4044, USA


Similar Part No. - ACT4012SH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
299Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev0, 16-May-08
ACT4012ASH ACTIVE-SEMI-ACT4012ASH Datasheet
345Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4012ASH ACTIVE-SEMI-ACT4012ASH Datasheet
299Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev0, 16-May-08
ACT4012ASH-T ACTIVE-SEMI-ACT4012ASH-T Datasheet
345Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
More results

Similar Description - ACT4012SH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
   Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
   Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4072 ACTIVE-SEMI-ACT4072 Datasheet
729Kb / 10P
   Wide Input 2A Step Down Converter
Rev 1, 12/2006
logo
FOSLINK SEMICONDUCTOR C...
FSP3126 FOSLINK-FSP3126 Datasheet
243Kb / 9P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4072 ACTIVE-SEMI-ACT4072_08 Datasheet
271Kb / 10P
   Wide Input 2A Step Down Converter
Rev2, 27-May-08
logo
Guangdong Kexin Industr...
FSP3170 KEXIN-FSP3170 Datasheet
998Kb / 3P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3129 FOSLINK-FSP3129 Datasheet
368Kb / 10P
   WIDE INPUT 2A STEP-DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
   Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
298Kb / 9P
   High Input 2A Step Down Converter
Rev 0, 23-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com