Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3800 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB3800
Description  Switching Regulator Controller (Low Voltage)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3800 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB3800 Datasheet HTML 5Page - Fujitsu Component Limited. MB3800 Datasheet HTML 6Page - Fujitsu Component Limited. MB3800 Datasheet HTML 7Page - Fujitsu Component Limited. MB3800 Datasheet HTML 8Page - Fujitsu Component Limited. MB3800 Datasheet HTML 9Page - Fujitsu Component Limited. MB3800 Datasheet HTML 10Page - Fujitsu Component Limited. MB3800 Datasheet HTML 11Page - Fujitsu Component Limited. MB3800 Datasheet HTML 12Page - Fujitsu Component Limited. MB3800 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MB3800
9
(Continued)
-10
-0.4
BR/CTL pin input current I BR (mA)
Output source current vs. BR/CTL pin input current
0
0
-0.8
-1.2
-1.6
-2.0
-20
-30
-40
-50
V CC = 2 V
V OUT = 0.9 V
T a = +25
°C
100
-0.4
BR/CTL pin input current I BR (mA)
BR/CTL pin input voltage vs. BR/CTL pin input current
0
0
-0.8
-1.2
-1.6
-2.0
200
300
400
500
V CC = 2 V
T a = +25
°C
1.0
-20
BR/CTL pin input current I BR (
µA)
Average supply current vs. BR/CTL pin input current
0
0
-40
-60
-80
-100
2.0
3.0
4.0
5.0
V CC = 2 V
T a = +25
°C
1 k
Timing resistor R T (
Ω)
Oscillation frequency vs.Timing resistor
10 k
2 k
50 k
500 k
2
Supply voltage V CC (V)
Frequency variation ratio vs. Supply voltage
-15
0
5
10
-5
0
-10
4
6
8
10
12
14
16
C T = 270 pF
R T = 3.0 k
Ta = +25
°C
-20
Operating ambient temperature T a (
°C)
Frequency variation ratio vs. Operating ambient temperature
-15
-40
5
10
-5
0
-10
0
+20
+40
+60
+80 +100
V CC = 2 V
C T = 270 pF
R T = 3.0 k
5 k
20 k
200 k
5 k
2 k
10 k
100 k
1 M
20 k
C T = 100 pF
C T = 1000 pF
C T = 10000 pF
V CC = 2 V
T a = +25
°C


Similar Part No. - MB3800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Fujitsu Component Limit...
MB3800PF FUJITSU-MB3800PF Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800PFV FUJITSU-MB3800PFV Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
More results

Similar Description - MB3800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
logo
List of Unclassifed Man...
PJ3800 ETC1-PJ3800 Datasheet
333Kb / 8P
   Low Voltage Switching Regulator Controller
logo
Unisonic Technologies
L2800 UTC-L2800_11 Datasheet
252Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
L2800 UTC-L2800_13 Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
E-Tech Electronics LTD
L2800 ETL-L2800 Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
Unisonic Technologies
L2800 UTC-L2800 Datasheet
136Kb / 9P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
List of Unclassifed Man...
B3800M ETC1-B3800M Datasheet
410Kb / 10P
   Switching Regulator Controller Step Up Low Voltage (BIPOLAR)
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com