Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3785A Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB3785A
Description  Switching Regulator Controller (4 Channels plus High-Precision, High-Frequency Capabilities)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3785A Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB3785A Datasheet HTML 7Page - Fujitsu Component Limited. MB3785A Datasheet HTML 8Page - Fujitsu Component Limited. MB3785A Datasheet HTML 9Page - Fujitsu Component Limited. MB3785A Datasheet HTML 10Page - Fujitsu Component Limited. MB3785A Datasheet HTML 11Page - Fujitsu Component Limited. MB3785A Datasheet HTML 12Page - Fujitsu Component Limited. MB3785A Datasheet HTML 13Page - Fujitsu Component Limited. MB3785A Datasheet HTML 14Page - Fujitsu Component Limited. MB3785A Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
MB3785A
11
s TYPICAL CHARACTERISTIC CURVES
(Continued)
1. Supply current vs. Supply voltage
Supply voltage VCC (V)
Supply voltage VCC (V)
2. Reference voltage vs. Supply voltage
3. Reference voltage and Output current setting
pin voltage vs. Supply voltage
Supply voltage VCC (V)
4. Reference voltage vs. Ambient temperature
Ambient temperature Ta (
°C)
5. Reference voltage vs. Control voltage
Control voltage VCTL1 (V)
6. Control current vs. Control voltage
Control voltage VCTL1 (V)
04
8
12
16
20
0
2
4
6
8
10
CTL1 = 6 V
CTL1, 2 = 6 V, CTL1, 2, 3 = 6 V
Ta
= +25°C
04
8
12
16
20
0
1
2
3
4
5
Ta=+25
°C
0
0
1
2
3
4
5
12
34
5
1
2
3
4
5
Ta = +25
°C
VE
VREF
2.44
−60 −40 −20
0
20
40
60
80
100
2.46
2.48
2.50
2.52
2.54
2.56
VCC
= 6 V
VCTL1, 2, 3
= 6 V
IOR
= −1 mA
0
2.0
2.2
2.4
2.6
2.8
3.0
12
345
VCC
= 6 V
Ta
= +25°C
0
0
100
200
300
400
500
4
8
12
16
20
VCC
= 6V
Ta
= +25°C


Similar Part No. - MB3785A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3785A FUJITSU-MB3785A Datasheet
293Kb / 29P
   Switching Regulator Controller (4 Channels plus High-Precision, High-Frequency Capabilities)
MB3785APFV FUJITSU-MB3785APFV Datasheet
293Kb / 29P
   Switching Regulator Controller (4 Channels plus High-Precision, High-Frequency Capabilities)
More results

Similar Description - MB3785A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3785A FUJITSU-MB3785A Datasheet
293Kb / 29P
   Switching Regulator Controller (4 Channels plus High-Precision, High-Frequency Capabilities)
logo
Integral Corp.
IL700D INTEGRAL-IL700D Datasheet
184Kb / 4P
   HIGH VOLTAGE HIGH-FREQUENCY STEP-UP SWITCHING REGULATOR-CONTROLLER
logo
Texas Instruments
TL14661 TI-TL14661 Datasheet
329Kb / 22P
[Old version datasheet]   HIGH SPEED / PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
TL1466I TI-TL1466I Datasheet
375Kb / 24P
[Old version datasheet]   HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Linear Technology
LTC1704B LINER-LTC1704B_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704EGN LINER-LTC1704EGN Datasheet
358Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704 LINER-LTC1704 Datasheet
343Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704 LINER-LTC1704_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
logo
Analog Devices
ADP3000 AD-ADP3000_15 Datasheet
809Kb / 16P
   Adjustable High Frequency Switching Regulator
REV. A
logo
Texas Instruments
TPS5211 TI-TPS5211 Datasheet
469Kb / 32P
[Old version datasheet]   HIGH FREQUENCY PROGRAMMABLE HYSTERETIC REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com