Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3769APF-E1 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB3769APF-E1
Description  SWITCHING REGULATOR CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3769APF-E1 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB3769APF-E1 Datasheet HTML 1Page - Fujitsu Component Limited. MB3769APF-E1 Datasheet HTML 2Page - Fujitsu Component Limited. MB3769APF-E1 Datasheet HTML 3Page - Fujitsu Component Limited. MB3769APF-E1 Datasheet HTML 4Page - Fujitsu Component Limited. MB3769APF-E1 Datasheet HTML 5Page - Fujitsu Component Limited. MB3769APF-E1 Datasheet HTML 6Page - Fujitsu Component Limited. MB3769APF-E1 Datasheet HTML 7Page - Fujitsu Component Limited. MB3769APF-E1 Datasheet HTML 8Page - Fujitsu Component Limited. MB3769APF-E1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
MB3769A
3
■ BLOCK DIAGRAM
+
-
+
-
-
+
+
+
+
+
+
-
-
+
S
R
Q
S
R
Q
Triangle Wave
Oscillator
Over Voltage Detector
-
+
Reference
Regulator
+
-
Power
off
2.5 V
1.5 V to 3.5 V
(2.5 V)
15.4 V
30 k
5.0 + 0.1 V
8/10 V
STB
Over Current Detection Comparator
PWM
Comp.
1.85 V
1.8 V
STB
STB
VREF
VH
VL
VREF
OUT
Error
Amp
DTC
FB
-IN (OP)
OVP
C T
R T
V CC
V Z
GND
Fig. 1 - MB3769A Block Diagram
16
4
3
1
2
13
5
6
12
11
7
14
8
9
10
15
-IN (C)
+IN (C)
+IN (OP)


Similar Part No. - MB3769APF-E1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A Datasheet
991Kb / 26P
   SWITCHING REGULATOR CONTROLLER
More results

Similar Description - MB3769APF-E1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com