Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3769A Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB3769A
Description  SWITCHING REGULATOR CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3769A Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB3769A Datasheet HTML 6Page - Fujitsu Component Limited. MB3769A Datasheet HTML 7Page - Fujitsu Component Limited. MB3769A Datasheet HTML 8Page - Fujitsu Component Limited. MB3769A Datasheet HTML 9Page - Fujitsu Component Limited. MB3769A Datasheet HTML 10Page - Fujitsu Component Limited. MB3769A Datasheet HTML 11Page - Fujitsu Component Limited. MB3769A Datasheet HTML 12Page - Fujitsu Component Limited. MB3769A Datasheet HTML 13Page - Fujitsu Component Limited. MB3769A Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
MB3769A
10
■ FUNCTIONS
1. Error Amplifier
The error amplifier detects the output voltage of the switching regulator.
The error amplifier uses a high-speed operational amplifier with an 8 MHz bandwidth (typical) and 6 V/
µs slew rate (typical).
For ease of use, the common mode input voltage ranges from -0.2 V to VCC-3 V. Figure 4 shows the equivalent circuit.
2. Overcurrent Detection Comparator
There are two methods for protection of the output transistor of this device from overcurrents; one restricts the transistor’s on-
time if an overcurrent that flows through the output transistor is detected from an average output current, and the other detects
an overcurrent in the external transistor (FET) and shuts the output down instantaneously. Using average output currents, the
peak current of the external transistor (FET) cannot be detected, so an output transistor with a large safe operation area (SOA)
margin is required.
For the method of detecting overcurrents in the external transistor (FET), the output transistor can be protected against a shorted
filter capacitor or power-on surge current.
The MB3769A uses dynamic current limiting to detect overcurrents in the output transistor (FET). A high-speed comparator
and flip-flop are built-in.
To detect overcurrents, compare the voltage at +IN(C) of current detection resistor connected the source of the output transistor
(FET), with the reference voltage (connected to -IN(C)) using a comparator. To prevent output oscillation during overcurrent, flip-
flop circuit protects against double pulses occurring within a cycle.
The output of overcurrent detector is ORed with other signals at the PWM comparator. See the example “■ Application Example”
for details on use.
Figure 5 shows the equivalent circuit of the over-current detection comparator.
Fig. 4 - MB3769A Equivalent Circuit Differential Amp
VCC
GND
-IN (OP)
+IN (OP)
150
700
µA
VREF
To PWM
Comp.
Protection element


Similar Part No. - MB3769A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A Datasheet
991Kb / 26P
   SWITCHING REGULATOR CONTROLLER
More results

Similar Description - MB3769A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com