Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF2030 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRF2030
Description  Isolated 20.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRF2030 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRF2030 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRF2030 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 148 -
Version: B07
SRF2020 - SRF20150
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
ITO-220AB
Features
For surface mounted application
Low power loss, high efficiency
High current capability, low VF
High reliability
Epitaxial construction
Guard-ring for transient protection
Mechanical Data
Cases: ITO-220AB molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, Lead solderable
per MIL-STD-750, Method 2026 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds .25”,(6.35mm) from
case.
Weight: 2.24 grams
Mounting torque: 5 in – 1bs. max.
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SRF
2020
SRF
2030
SRF
2040
SRF
2050
SRF
2060
SRF
2090
SRF
20100
SRF
20150
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Maximum Average Forward Rectified
Current See Fig. 1
I(AV)
20
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage
@ 10.0A
VF
0.55
0.70
0.92
1.02
V
0.5
0.1
Maximum D.C. Reverse Current
@ Tc=25
oC
at Rated DC Blocking Voltage
@ Tc=100
oC
IR
15
10
5.0
mA
mA
Typical Junction Capacitance (Note 2)
Cj
440
300
280
pF
Typical Thermal Resistance (Note 1)
RθJC
1.5
o
C/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
o
C
Storage Temperature Range
TSTG
-65 to +150
o
C
Notes:
1. Thermal Resistance from Junction to Case Per Leg, with Heatsink size (4”x6”x0.25”) Al-Plate.
2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C
.


Similar Part No. - SRF2030

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRF2030 TSC-SRF2030 Datasheet
109Kb / 2P
   Isolation 20.0 AMPS. Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
SRF2030 JINANJINGHENG-SRF2030 Datasheet
73Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SRF2030 TSC-SRF2030 Datasheet
190Kb / 2P
   20.0AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SRF2030 LUGUANG-SRF2030 Datasheet
273Kb / 2P
   Isolated 20.0AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SRF2030 TSC-SRF2030 Datasheet
224Kb / 4P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - SRF2030

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF20H100CT TSC-MBRF20H100CT_09 Datasheet
1Mb / 2P
   Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035 Datasheet
272Kb / 2P
   Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT Datasheet
565Kb / 2P
   Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035_11 Datasheet
149Kb / 2P
   20.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF2035CT TSC-MBRF2035CT Datasheet
210Kb / 2P
   Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035_13 Datasheet
248Kb / 3P
   20.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF2035CT TSC-MBRF2035CT_11 Datasheet
183Kb / 2P
   20.0 AMPS. Isolated Schottky Barrier Rectifiers
MBR20H100CT TSC-MBR20H100CT_09 Datasheet
523Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBR2035CT TSC-MBR2035CT_11 Datasheet
208Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT_10 Datasheet
624Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com