Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRAF830 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRAF830
Description  Isolated 8.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAF830 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRAF830 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAF830 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SRAF820 THRU SR
8150)
AF
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
175
150
125
100
75
50
25
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
0.4
1.0
4
10
40
100
100
200
400
600
1000
800
2000
4000
REVERSE VOLTAGE. (V)
Tj=25 C
0
SRAF850-
150
SRAF8
SRAF820-
40
SRAF8
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
10
8
6
4
2
0
CASE TEMPERATURE. ( C)
o
SRAF850-
0
SRAF815
SR
820-
40
AF
SRAF8
FIG.4- TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100
120
10
1
0.1
0.01
0.001
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=1
00 C
0
Tj=25 C
0
Tj=75 C
0
140
0
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1.0
10
50
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
Version: B07
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
0.1
10
1
100
T, PULSE DURATION. (sec)


Similar Part No. - SRAF830

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAF830 TSC-SRAF830 Datasheet
84Kb / 2P
   Isolation 8.0 AMPS. Schottky Barrier Rectifiers
SRAF830 TSC-SRAF830 Datasheet
622Kb / 2P
   Isolated 8.0 AMPS. Schottky Barrier Rectifiers
SRAF830 TSC-SRAF830 Datasheet
218Kb / 4P
   Isolated Schottky Barrier Rectifiers
More results

Similar Description - SRAF830

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAF820 TSC-SRAF820_10 Datasheet
622Kb / 2P
   Isolated 8.0 AMPS. Schottky Barrier Rectifiers
MBRF835CT TSC-MBRF835CT Datasheet
316Kb / 2P
   Isolated 8.0 AMPS. Schottky Barrier Rectifiers
MBRF835CT TSC-MBRF835CT_13 Datasheet
248Kb / 3P
   8.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF835CT TSC-MBRF835CT_11 Datasheet
187Kb / 2P
   8.0 AMPS. Isolated Schottky Barrier Rectifiers
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRAS890 TSC-SRAS890 Datasheet
90Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820_09 Datasheet
218Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802_10 Datasheet
567Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR820 YANGJIE-SR820 Datasheet
748Kb / 2P
   8.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR802 TSC-SR802 Datasheet
60Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com