Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRAF520 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRAF520
Description  Isolated 5.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAF520 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRAF520 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAF520 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SRAF520 THRU SR
0)
AF515
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
300
250
200
150
100
50
25
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL FORWARD CHARACTERISTICS
.1
.2
.3
.4
.5
.6
.7
.8
.9
0.1
1.0
10
50
FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE
.1
.4
1.0
4
10
40
100
0
50
450
400
500
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
5
4
3
2
1
0
CASE TEMPERATURE. ( C)
o
SRAF590-5150
SR
0-560
AF52
FIG.4- TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100
120
0.1
1
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125
C
0
Tj=2
5 C
0
Tj=75
C
0
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
Tj=12
5 C
0
Tj=75
C
0
Tj=25
C
0
SRAF520-560
SRAF590-5150
SRAF520-SRAF540
Version: B07
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
T, PULSE DURATION. (sec)
SRAF590-5150
SRAF520-560
100
150
0
140


Similar Part No. - SRAF520

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAF520 TSC-SRAF520 Datasheet
486Kb / 2P
   Isolated 5.0 AMPS. Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520 Datasheet
250Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520_10 Datasheet
486Kb / 2P
   Isolated 5.0 AMPS. Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520_14 Datasheet
250Kb / 4P
   Isolated Schottky Barrier Rectifiers
More results

Similar Description - SRAF520

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAF520 TSC-SRAF520_10 Datasheet
486Kb / 2P
   Isolated 5.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR520 YANGJIE-SR520 Datasheet
706Kb / 2P
   5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR502 TSC-SR502_1 Datasheet
256Kb / 2P
   5.0 AMPS. Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SR502 JGD-SR502 Datasheet
147Kb / 2P
   5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR502 TSC-SR502 Datasheet
63Kb / 2P
   5.0 AMPS. Schottky Barrier Rectifiers
SR502 TSC-SR502_10 Datasheet
557Kb / 2P
   5.0 AMPS. Schottky Barrier Rectifiers
MBRF5100 TSC-MBRF5100 Datasheet
572Kb / 2P
   Isolation 5.0 AMPS. Schottky Barrier Rectifiers
SRAF540 TSC-SRAF540 Datasheet
75Kb / 2P
   Isolation 5.0 AMPS. Schottky Barrier Rectifiers
MBRF5100 TSC-MBRF5100_10 Datasheet
570Kb / 2P
   Isolation 5.0 AMPS. Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_09 Datasheet
1Mb / 2P
   Isolated 20.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com