Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP103N311B Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RP103N311B
Description  LOW NOISE 150mA LDO REGULATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP103N311B Datasheet(HTML) 3 Page - RICOH electronics devices division

  RP103N311B Datasheet HTML 1Page - RICOH electronics devices division RP103N311B Datasheet HTML 2Page - RICOH electronics devices division RP103N311B Datasheet HTML 3Page - RICOH electronics devices division RP103N311B Datasheet HTML 4Page - RICOH electronics devices division RP103N311B Datasheet HTML 5Page - RICOH electronics devices division RP103N311B Datasheet HTML 6Page - RICOH electronics devices division RP103N311B Datasheet HTML 7Page - RICOH electronics devices division RP103N311B Datasheet HTML 8Page - RICOH electronics devices division RP103N311B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
RP103x
3
PIN CONFIGURATIONS
PLP1010-4
Top View
2
1
3
4
Bottom View
1
2
4
3
SOT-23-5
SC-82AB
1
4
5
23
(mark side)
12
3
4
(mark side)
PIN DESCRIPTIONS
PLP1010-4
SOT-23-5
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
VOUT
Output Pin
1
VDD
Input Pin
2
GND
Ground Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin
("H" Active)
3
CE
Chip Enable Pin
("H" Active)
4
VDD
Input Pin
4
NC
No Connection
5
VOUT
Output Pin
∗) Tab in the
parts have GND level.
(They are connected to the back side of this IC.)
Do not connect to other wires or land patterns.
SC-82AB
Pin No.
Symbol
Description
1
CE
Chip Enable Pin
("H" Active)
2
GND
Ground Pin
3
VOUT
Output Pin
4
VDD
Input Pin


Similar Part No. - RP103N311B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP103N311B RICOH-RP103N311B Datasheet
24Kb / 1P
   MARK INFORMATIONS SERIES MARK SPECIFICATION
More results

Similar Description - RP103N311B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com