Electronic Components Datasheet Search |
|
SMCJ36A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
SMCJ36A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 5 page Dimensions in inches and (millimeters) - 546 - Version: B07 SMCJ SERIES 1500 Watts Surface Mount Transient Voltage Suppressor SMC/DO-214AB .126(3.20) .114(2.90) .012(.31) .006(.15) .008(.20) .004(.10) .063(1.6) .039(1.0) .245(6.22) .220(5.59) .280(7.11) .260(6.60) .103(2.62) .079(2.00) .320(8.13) .305(7.75) .061(1.56) .050(1.26) Features For surface mounted application Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Fast response time: Typically less than 1.0ps from 0 volt to BV min. Typical IR less than 1 μA above 10V High temperature soldering guaranteed: 260 oC / 10 seconds at terminals Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 1500 watts peak pulse power capability with a 10 X 1000 us waveform by 0.01% duty cycle Mechanical Data Case: Molded plastic Terminals: Pure tin plated lead free. Polarity: Indicated by cathode band Standard packaging: 16mm tape (EIA STD RS-481) Weight: 0.21gram Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Type Number Symbol Value Units P eak Power Dissipation at TA=25 oC, Tp=1ms (Note 1) PPK Minimum 1500 Watts Steady State Power Dissipation Pd 5 Watts Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 2, 3) - Unidirectional Only IFSM 200 Amps Maximum Instantaneous Forward Voltage at 100.0A for Unidirectional Only (Note 4) VF 3.5 / 5.0 Volts Operating and Storage Temperature Range TJ, TSTG -55 to + 150 oC Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 oC Per Fig. 2. 2. Mounted on 8.0mm 2 (.013mm Thick) Copper Pads to Each Terminal. 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum. 4. VF=3.5V on SMCJ5.0 thru SMCJ90 Devices and VF=5.0V on SMCJ100 thru SMCJ170 Devices. Devices for Bipolar Applications 1. For Bidrectional Use C or CA Suffix for Types SMCJ5.0 through Types SMCJ170. 2. Electrical Characteristics Apply in Both Directions. |
Similar Part No. - SMCJ36A |
|
Similar Description - SMCJ36A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |