Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP101K291B Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RP101K291B
Description  LOW NOISE 300mA LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP101K291B Datasheet(HTML) 2 Page - RICOH electronics devices division

  RP101K291B Datasheet HTML 1Page - RICOH electronics devices division RP101K291B Datasheet HTML 2Page - RICOH electronics devices division RP101K291B Datasheet HTML 3Page - RICOH electronics devices division RP101K291B Datasheet HTML 4Page - RICOH electronics devices division RP101K291B Datasheet HTML 5Page - RICOH electronics devices division RP101K291B Datasheet HTML 6Page - RICOH electronics devices division RP101K291B Datasheet HTML 7Page - RICOH electronics devices division RP101K291B Datasheet HTML 8Page - RICOH electronics devices division RP101K291B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
RP101x
2
BLOCK DIAGRAMS
RP101xxxxB
RP101xxxxD
VDD
GND
VOUT
CE
Vref
Current Limit
VDD
GND
VOUT
CE
Vref
Current Limit
SELECTION GUIDE
The output voltage, auto discharge function*, and the taping type for the ICs can be selected at the user’s
request.
The selection can be made with designating the part number as shown below;
RP101xxxxx-xx-x ←Part Number
↑ ↑ ↑ ↑ ↑
a b
c
d
e
Code
Contents
a, a’
Designation of Package Type:
RP101Kxx1x-xx: PLP1612-4
(t=0.6mm)
RP101Kxx2x-xx: PLP1612-4B (t=0.4mm)
RP101Nxx1x-xx: SOT-23-5
b
Setting Output Voltage (VOUT):
The following 16 kinds of voltage are standard.
1.2V, 1.3V, 1.5V, 1.8V, 1.85V, 1.9V, 2.0V, 2.1V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 2.9V,
3.0V, 3.1V, 3.3V
Exceptions:1.85V
=RP101x18xx5-xx-x, 2.85V=RP101x28xx5-xx-x
c
Designation of Mask Option
B: active high, without auto discharge function* at OFF state.
D: active high, with auto discharge function* at OFF state.
d
Designation of Taping Type:
Ex. TR (refer to Taping Specifications; TR type is the standard direction.)
e
Designation of composition of pin plating:
-F: Lead free plating (SOT-23-5)
None: Au plating (PLP1612-4, PLP1612-4B)
*) When the mode is into standby with CE signal, auto discharge transistor turns on, and it makes the turn-off
speed faster than normal type.
a’


Similar Part No. - RP101K291B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP101K201B-TR RICOH-RP101K201B-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP101K201D-TR RICOH-RP101K201D-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP101K202B-TR RICOH-RP101K202B-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP101K202D-TR RICOH-RP101K202D-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP101K251B-TR RICOH-RP101K251B-TR Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results

Similar Description - RP101K291B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
   300mA Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com