Electronic Components Datasheet Search |
|
TISP4240F3 Datasheet(PDF) 3 Page - Power Innovations Ltd |
|
TISP4240F3 Datasheet(HTML) 3 Page - Power Innovations Ltd |
3 / 13 page 3 MARCH 1994 - REVISED SEPTEMBER 1997 TISP4240F3, TISP4260F3, TISP4290F3, TISP4320F3, TISP4380F3 SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS PRODUCT INFORMATION NOTE 5: Further details on capacitance are given in the Applications Information section. NOTE 6: Further details on capacitance are given in the Applications Information section. electrical characteristics for the T and R terminals, TJ = 25°C PARAMETER TEST CONDITIONS TISP4290F3 TISP4320F3 UNIT MIN TYP MAX MIN TYP MAX IDRM Repetitive peak off- state current VD = ±VDRM, 0°C < TJ < 70°C ±10 ±10 µA V(BO) Breakover voltage dv/dt = ±250 V/ms, RSOURCE = 300 Ω ±290 ±320 V V(BO) Impulse breakover volt- age dv/dt = ±1000 V/µs, RSOURCE = 50 Ω, di/dt < 20 A/µs ±317 ±347 V I(BO) Breakover current dv/dt = ±250 V/ms, RSOURCE = 300 Ω ±0.15 ±0.6 ±0.15 ±0.6 A VT On-state voltage IT = ±5 A, tW = 100 µs ±3 ±3 V IH Holding current di/dt = +/-30 mA/ms ±0.15 ±0.15 dv/dt Critical rate of rise of off-state voltage Linear voltage ramp Maximum ramp value < 0.85V(BR)MIN ±5 ±5 kV/µs ID Off-state current VD = ±50 V ±10 ±10 µA Coff Off-state capacitance f = 100 kHz, Vd = 100 mV (see Note 5) VD = 0, 57 95 57 95 pF VD = -5 V 26 45 26 45 pF VD = -50 V 11 20 11 20 pF electrical characteristics for the T and R terminals, TJ = 25°C PARAMETER TEST CONDITIONS TISP4380F3 UNIT MIN TYP MAX IDRM Repetitive peak off- state current VD = ±VDRM, 0°C < TJ < 70°C ±10 µA V(BO) Breakover voltage dv/dt = ±250 V/ms, RSOURCE = 300 Ω ±380 V V(BO) Impulse breakover volt- age dv/dt = ±1000 V/µs, RSOURCE = 50 Ω, di/dt < 20 A/µs ±407 V I(BO) Breakover current dv/dt = ±250 V/ms, RSOURCE = 300 Ω ±0.15 ±0.6 A VT On-state voltage IT = ±5 A, tW = 100 µs ±3 V IH Holding current di/dt = +/-30 mA/ms ±0.15 A dv/dt Critical rate of rise of off-state voltage Linear voltage ramp Maximum ramp value < 0.85V(BR)MIN ±5 kV/µs ID Off-state current VD = ±50 V ±10 µA Coff Off-state capacitance f = 100 kHz, Vd = 100 mV (see Note 6) VD = 0, 57 95 pF VD = -5 V 26 45 pF VD = -50 V 11 20 pF thermal characteristics PARAMETER TEST CONDITIONS MIN TYP MAX UNIT RθJA Junction to free air thermal resistance Ptot = 0.8 W, TA = 25°C 5 cm2, FR4 PCB D Package 160 °C/W SL Package 105 |
Similar Part No. - TISP4240F3 |
|
Similar Description - TISP4240F3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |