Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSX60 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSX60
Description  60-Watt Multicrystalline Photovoltaic Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSX60 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSX60 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSX60 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSX60 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSX60 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes
1. These data represent the performance of typical MSX 60 and MSX 64 modules as measured at their output
terminals, and do not include the effect of such additional equipment as diodes or cables. The data are based
on measurements made in accordance with ASTM E1036 corrected to SRC (Standard Reporting Conditions,
also known as STC or Standard Test Conditions), which are:
• illumination of 1 kW/m2 (1 sun) at spectral distribution of AM 1.5 (ASTM E892 global spectral irradiance);
• cell temperature of 25°C.
2. During the stabilization process which occurs during the first few months of deployment, module power
may decrease approximately 3% from typical Pmax.
3. The cells in an illuminated module operate hotter than the ambient temperature. NOCT (Nominal Operating
Cell Temperature) is an indicator of this temperature differential, and is the cell temperature under Standard
Operating Conditions: ambient temperature of 20°C, solar irradiation of 0.8 kW/m2, and wind speed of 1 m/s.
4. The power of solar cells varies in the normal course of production; the MSX 64 is assembled in limited
quantities using cells of slightly higher power than the MSX 60.
Electrical Characteristics1
BP MSX 60
BP MSX 64
4
Maximum power (Pmax)2
60W
64W
Voltage at Pmax (Vmp)
17.1V
17.5V
Current at Pmax (lmp)
3.5A
3.66A
Minimum Pmax
58W
62W
Short-circuit current (Isc)
3.8A
4.0A
Open-circuit voltage (Voc)
21.1V
21.3V
Temperature coefficient of Isc
(0.065±0.015)%/°C
Temperature coefficient of Voc
-(80±10)mV/°C
Temperature coefficient of power
-(0.5±0.05)%/°C
NOCT3
47±2°C
Maximum system voltage
600V (U.S. NEC rating)
1000V (TÜV Rheinland rating)
Maximum series fuse rating
20A
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Voltage (V)
0
5
10
15
20
25
T=0
°C
T=25
°C
T=50
°C
T=75
°C
MSX 60 I-V Curves
T=0
°C
T=25
°C
T=50
°C
T=75
°C
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Voltage (V)
0
5
10
15
20
25
MSX 64 I-V Curves


Similar Part No. - MSX60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSX-50 ETC2-MSX-50 Datasheet
212Kb / 2P
   Photovoltaic Modules
logo
Teledyne Technologies I...
MSX025BADNC TELEDYNE-MSX025BADNC Datasheet
970Kb / 4P
   X-Band GaN SSPA
logo
Vishay Siliconix
MSX1PB VISHAY-MSX1PB Datasheet
108Kb / 5P
   Surface-Mount ESD Capability Rectifier
Revision: 24-Jan-18
MSX1PB VISHAY-MSX1PB Datasheet
117Kb / 5P
   Surface-Mount ESD Capability Rectifier
01-Jan-2022
MSX1PB VISHAY-MSX1PB_V01 Datasheet
117Kb / 5P
   Surface-Mount ESD Capability Rectifier
01-Jan-2022
More results

Similar Description - MSX60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP365 ETC1-BP365 Datasheet
265Kb / 2P
   65 Watt Photovoltaic Module
PX72-260 ETC2-PX72-260 Datasheet
563Kb / 2P
   PHOTOVOLTAIC MODULE PX72
logo
Kyocera Kinseki Corpota...
KS12 KSS-KS12 Datasheet
151Kb / 1P
   MULTICRYSTAL PHOTOVOLTAIC MODULE
KK270P-3CD3CG KSS-KK270P-3CD3CG Datasheet
442Kb / 2P
   HIGH EFFICIENCY MULTICRYSTALLINE
KS20 KSS-KS20 Datasheet
151Kb / 1P
   MULTICRYSTAL PHOTOVOLTAIC MODULE
logo
TRACO Electronic AG
TEN60 TRACOPOWER-TEN60 Datasheet
943Kb / 5P
   TEN 60 Series, 60 Watt
Rev. November 30, 2022
logo
G24 Innovations
INDY3050 G24I-INDY3050 Datasheet
984Kb / 1P
   Dye Sensitised Indoor Photovoltaic Module
INDY2100 G24I-INDY2100 Datasheet
1Mb / 1P
   Dye Sensitised Indoor Photovoltaic Module
logo
Kyocera Kinseki Corpota...
KC80 KSS-KC80 Datasheet
398Kb / 2P
   HIGH EFFICIENCY MULTICRYSTAL PHOTOVOLTAIC MODULE
logo
G24 Innovations
INDY2050 G24I-INDY2050 Datasheet
992Kb / 1P
   Dye Sensitised Indoor Photovoltaic Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com