Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP150K012A Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RP150K012A
Description  LOW NOISE Dual 300mA LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP150K012A Datasheet(HTML) 4 Page - RICOH electronics devices division

  RP150K012A Datasheet HTML 1Page - RICOH electronics devices division RP150K012A Datasheet HTML 2Page - RICOH electronics devices division RP150K012A Datasheet HTML 3Page - RICOH electronics devices division RP150K012A Datasheet HTML 4Page - RICOH electronics devices division RP150K012A Datasheet HTML 5Page - RICOH electronics devices division RP150K012A Datasheet HTML 6Page - RICOH electronics devices division RP150K012A Datasheet HTML 7Page - RICOH electronics devices division RP150K012A Datasheet HTML 8Page - RICOH electronics devices division RP150K012A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
RP150K
4
PIN CONFIGURATIONS
PLP2020-8
Top View
Bottom View
56
7
8
43
2
1
8
7
6
5
1
2
3
4
PIN DESCRIPTIONS
RP150K
Pin No.
Symbol
Description
1
CE1
Chip Enable Pin 1 ("H" Active)
2
GND
Ground Pin
3
CE2
Chip Enable Pin 2 ("H" Active)
4
NC
No Connection
5
NC
No Connection
6
VOUT2
Output Pin 2
7
VDD
Input Pin
8
VOUT1
Output Pin 1
* Tab in the
parts have GND level. (They are connected to the back side of this IC.)
Do not connect to other wires or land patterns.
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.0
V
VCE
Input Voltage (CE Pin)
6.0
V
VOUT
Output Voltage
−0.3 to VIN+0.3
V
IOUT1
Output Current 1
400
mA
IOUT2
Output Current 2
400
mA
PD
Power Dissipation (PLP2020-8)
*1
880
mW
Topt
Operating Temperature Range
−40 to 85
°C
Tstg
Storage Temperature Range
−55 to 125
°C
*1) For Power Dissipation, please refer to PACKAGE INFORMATION to be described.


Similar Part No. - RP150K012A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
More results

Similar Description - RP150K012A

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
   LOW NOISE DUAL 300mA LDO
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Unisonic Technologies
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com