Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP100K131B Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP100K131B
Description  LOW NOISE 200mA LDO REGULATOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP100K131B Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP100K131B Datasheet HTML 2Page - RICOH electronics devices division RP100K131B Datasheet HTML 3Page - RICOH electronics devices division RP100K131B Datasheet HTML 4Page - RICOH electronics devices division RP100K131B Datasheet HTML 5Page - RICOH electronics devices division RP100K131B Datasheet HTML 6Page - RICOH electronics devices division RP100K131B Datasheet HTML 7Page - RICOH electronics devices division RP100K131B Datasheet HTML 8Page - RICOH electronics devices division RP100K131B Datasheet HTML 9Page - RICOH electronics devices division RP100K131B Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
RP100x
6
TEST CIRCUITS
C1
RP100x
Series
VDD
VOUT
CE
GND
V
C2
VOUT
IOUT
C1=Ceramic 1.0
µF
C2=Ceramic 1.0
µF
Basic Test Circuit
C1
RP100x
Series
VDD
VOUT
CE
GND
C2
A
ISS
C1=Ceramic 1.0
µF
C2=Ceramic 1.0
µF
VOUT
Test Circuit for Supply Current
RP100x
Series
VDD
VOUT
CE
GND
C2
Pulse
Generator
IOUT
C2=Ceramic 1.0
µF
P.G.
Test Circuit for Ripple Rejection


Similar Part No. - RP100K131B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP100K121B-TR RICOH-RP100K121B-TR Datasheet
491Kb / 29P
   Supply Current Typ. 18uA
RP100K121D-TR RICOH-RP100K121D-TR Datasheet
491Kb / 29P
   Supply Current Typ. 18uA
RP100K151B-TR RICOH-RP100K151B-TR Datasheet
491Kb / 29P
   Supply Current Typ. 18uA
RP100K151D-TR RICOH-RP100K151D-TR Datasheet
491Kb / 29P
   Supply Current Typ. 18uA
More results

Similar Description - RP100K131B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
   Ultra-Low-Noise 200mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com