Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK83C Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SK83C
Description  8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK83C Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SK83C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK83C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES ( SK82C THRU SK86C)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
FIG.2-MAXIMUM NON-REPETIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE.(V)
LEAD TEMPERATURE.( C)
O
NUMBER OF CYCLES AT 60HZ
FORWARD VOLTAGE(V)
PULSE DURATION,(sec)
10
8
6
4
2
0
0
50
100
150
50
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.5
20
10
1
0.1
0.01
0.001
0
20
40
60
80
100
120
140
100
10
1
0.1
0.01
0.1
1
10
100
100
10
1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
RESISTIVEOR
INDUCTIVE LOAD
TJ=125
OC
TJ=75
OC
TJ=25
OC
SK82C-SK84C
SK85C-SK86C
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
Tj=25 C
f=1.0MHZ
Vsig=50mvp-p
SK82C-SK84C
SK85C-SK86C
Version: A07
1
10
100
200
60
80
300
100
400
600
8.3ms Single Half Sine Wave
JEDEC Method
cycle
PULSE WIDTH=300 s
1%DUTY GYGLE
SK82C-SK84C
SK85C-SK86C


Similar Part No. - SK83C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK83C TSC-SK83C Datasheet
50Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SK83C PACELEADER-SK83C Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SK83C TSC-SK83C Datasheet
527Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK83C TSC-SK83C Datasheet
188Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK83C TSC-SK83C Datasheet
208Kb / 4P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SK83C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK82C TSC-SK82C_13 Datasheet
269Kb / 4P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK82C TSC-SK82C_10 Datasheet
527Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK82C TSC-SK82C Datasheet
50Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS820 TSC-SRAS820 Datasheet
161Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK82C TSC-SK82C_11 Datasheet
188Kb / 2P
   8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRAS890 TSC-SRAS890 Datasheet
90Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820_09 Datasheet
218Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802_10 Datasheet
567Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR820 YANGJIE-SR820 Datasheet
748Kb / 2P
   8.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com