Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A78R33PIC Datasheet(PDF) 2 Page - AUK corp

Part # A78R33PIC
Description  LDO Fixed Regulator IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

A78R33PIC Datasheet(HTML) 2 Page - AUK corp

  A78R33PIC Datasheet HTML 1Page - AUK corp A78R33PIC Datasheet HTML 2Page - AUK corp A78R33PIC Datasheet HTML 3Page - AUK corp A78R33PIC Datasheet HTML 4Page - AUK corp A78R33PIC Datasheet HTML 5Page - AUK corp A78R33PIC Datasheet HTML 6Page - AUK corp A78R33PIC Datasheet HTML 7Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KSD-I0S002-001
2
A78RxxPIC
Block Diagram
Absolute Maximum Ratings
[Ta=25℃]
Characteristic
Symbol
Rating
Unit
Input Voltage
VI
18
V
Control Input Voltage
VCT
18
V
PD1(No Heatsink)
2.0
W
Power Dissipation
PD2(With Heatsink)
20
W
Junction Temperature
TJ
150
°C
Operating Temperature Range
Topr
-20 ~ 80
°C
Storage Temperature Range
Tstg
-55 ~ 150
°C


Similar Part No. - A78R33PIC

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
A78R33PIC KODENSHI-A78R33PIC Datasheet
359Kb / 7P
   1.0A output low dropout regulator
More results

Similar Description - A78R33PIC

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
   800mA LDO Regulator IC
logo
Micronas
MAS9128A MICRONAS-MAS9128A Datasheet
221Kb / 8P
   LDO Voltage Regulator IC
logo
AUK corp
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Orister Corporation
RS7110 ORISTER-RS7110 Datasheet
599Kb / 9P
   1.5A Fixed Voltage LDO Linear Regulator
logo
AUK corp
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
E-CMOS Corporation
EC8815 E-CMOS-EC8815 Datasheet
578Kb / 10P
   1.5A Fixed Voltage LDO Linear Regulator
logo
Rohm
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
logo
AUK corp
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com