Electronic Components Datasheet Search |
|
AK6168192Z Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION |
|
AK6168192Z Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION |
1 / 2 page DESCRIPTION The Accutek AK63232Z SRAM Module consists of fast high perfor- mance SRAMs mounted on a low profile, 64 pin ZIP Board. The module utilizes four 28 pin 32K x 8 SRAMs in 300 mil SOJ packages and four decoupling capacitors mounted on the front side of a printed circuit board. The SRAMs used have common I/O functions and single output en- able functions. Also, four separate chip select (CE) connections are used to independently enable the four bytes. The modules can be supplied in a variety of access time values from 8 nSEC to 45 nSEC in CMOS or BiCMOS technology. The Accutek module is designed to have a maximum seated height of 0.500 inch. The module conforms to JEDEC-standard sizes and pin-out configurations. This, along with use of two pins for module memory density identification, PD0 and PD1, minimizes interchangeability and design considerations when changing from one module size to the other in customer applications. FEATURES · 32,768 x 32 bit organization · JEDEC standard 64 pin ZIP format · Common I/O, single OE functions with four separate chip selects (CE) · Low height, 0.500 inch maximum seated height · Upward compatible with 64K x 32 (AK63264), 256K x 32 (AK632256), 512K x 32 (AK632512) and 1 Meg x 32 (AK6321024) · Presence Detect, PD0 and PD1 for identifying module density · Fast Access Times range from 8 nSEC BiCMOS to 45 nSEC CMOS · TTL compatible inputs and outputs · Single 5 volt power supply - AK63232Z · Single 3.3 volt power supply - AK63232Z/3.3 · Operating temperature range in free air, 0 0Cto700C Accutek Microcircuit Corporation AK63232Z 32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory PIN NOMENCLATURE A0 -A14 Address Inputs CE1 -CE4 Chip Enable DQ1 -DQ32 Data In/Data Out OE Output Enable PD0 -PD1 Presence Detect Vcc Power Supply Vss Ground WE Write Enable MODULE OPTIONS Leaded ZIP: AK63232Z PIN ASSIGNMENT FUNCTIONAL DIAGRAM PIN # SYMBOL PIN # SYMBOL PIN # SYMBOL PIN # SYMBOL 1 Vss 17 A2 33 CE4 49 A4 2 PD0 18 A9 34 CE3 50 A11 3 PD1 19 DQ13 35 NC 51 A5 4 DQ1 20 DQ5 36 NC 52 A12 5 DQ9 21 DQ14 37 OE 53 Vcc 6 DQ2 22 DQ6 38 Vss 54 A13 7 DQ10 23 DQ15 39 DQ25 55 A6 8 DQ3 24 DQ7 40 DQ17 56 DQ21 9 DQ11 25 DQ16 41 DQ26 57 DQ29 10 DQ4 26 DQ8 42 DQ18 58 DQ22 11 DQ12 27 Vss 43 DQ27 59 DQ30 12 Vcc 28 WE 44 DQ19 60 DQ23 13 A0 29 NC 45 DQ28 61 DQ31 14 A7 30 A14 46 DQ20 62 DQ24 15 A1 31 CE2 47 A3 63 DQ32 16 A8 32 CE1 48 A10 64 Vss PD0 = Open PD1 = Open A0 A14 OE WE CE1 CE2 CE3 CE4 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 AO- A14 OE WE CE DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 AO- A14 OE WE CE DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 AO- A14 OE WE CE DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 AO- A14 OE WE CE DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31 DQ32 - 15 1 32 33 64 Top View 64-Pin ZIP |
Similar Part No. - AK6168192Z |
|
Similar Description - AK6168192Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |