Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88101A Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB88101A
Description  A/D Converter (With 4-channel Input at 12-bit Resolution)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88101A Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB88101A_03 Datasheet HTML 4Page - Fujitsu Component Limited. MB88101A_03 Datasheet HTML 5Page - Fujitsu Component Limited. MB88101A_03 Datasheet HTML 6Page - Fujitsu Component Limited. MB88101A_03 Datasheet HTML 7Page - Fujitsu Component Limited. MB88101A_03 Datasheet HTML 8Page - Fujitsu Component Limited. MB88101A_03 Datasheet HTML 9Page - Fujitsu Component Limited. MB88101A_03 Datasheet HTML 10Page - Fujitsu Component Limited. MB88101A_03 Datasheet HTML 11Page - Fujitsu Component Limited. MB88101A_03 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MB88101A
8
s
s
s
s ELECTRICAL CHARACTERISTIC
1. DC Characteristics
(1) Digital section
(VCC = 3.3 V to 5.5 V, DGND = 0 V, Ta = –40
°C to +85°C)
(2) Analog section
(VREF, VCC = 3.3 V to 5.5 V (VCC
≥ VREF), AGND = 0 V, Ta = –40°C to +85°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Typ
Max
Power supply voltage
VCC
VCC
3.3
5.0
5.5
V
Power supply current
ICC
Operation at
CLK =166kHz
(with no load)
—0.8
2.0
mA
IILK
MOD0,
MOD1
CLK
CS
C0
C1
VIN = 0 to VCC
–10
10
µA
VIL
VSS
0.3
0.2 VCC
V
High-level input voltage
VIH
—0.8 VCC
VCC
+
0.3
V
High-impedance output
leakage current
IOLZ
DO
SAMP
VIN = 0 to VCC
–10
10
µA
Low-level output voltage
VOL
IOL = 2.5 mA
0.4
V
High-level output voltage
VOH
IOH = –400
µA
VCC
0.4
——
V
Parameter
Symbol
Pin name
Value
Unit
Min
Typ
Max
Resolution
AN0 to AN3
—12—
bit
Linearity error
–4.0
2.0
LSB
Differential linearity error
–1.0
3.0
LSB
Conversion time
16
CLK
Consumption current
IREF
VREF
100
300
µA
Analog reference voltage
3.3
5.0
VCC
V
Analog input voltage
AN0 to AN3
0—
VREF
V
Input leakage current
Low-level input voltage


Similar Part No. - MB88101A_03

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101AP FUJITSU-MB88101AP Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101APF FUJITSU-MB88101APF Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101APFV FUJITSU-MB88101APFV Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
More results

Similar Description - MB88101A_03

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88111 FUJITSU-MB88111 Datasheet
169Kb / 26P
   A/D Converter (With 24-Channel Input at 10-bit Resolution)
logo
Integrated Circuit Syst...
DAC88 ICST-DAC88 Datasheet
813Kb / 4P
   12-bit D/A Converter with Input Register
logo
API Technologies Corp
MNDAC88 APITECH-MNDAC88 Datasheet
819Kb / 4P
   12-bit D/A Converter with Input Register
MN3860 APITECH-MN3860 Datasheet
841Kb / 4P
   12-bit D/A Converter with Input Register
logo
Integrated Circuit Syst...
MN3860 ICST-MN3860 Datasheet
836Kb / 4P
   12-bit D/A Converter with Input Register
logo
API Technologies Corp
MNDACHK APITECH-MNDACHK Datasheet
839Kb / 4P
   12-bit D/A Converter with Input Register
logo
Integrated Circuit Syst...
DACHK ICST-DACHK Datasheet
833Kb / 4P
   12-bit D/A Converter with Input Register
logo
Renesas Technology Corp
RL78-L1A RENESAS-RL78-L1A Datasheet
1Mb / 83P
   Integrated LCD controller/driver, 12-bit resolution A/D Converter
logo
Burr-Brown (TI)
ADS7824 BURR-BROWN-ADS7824 Datasheet
344Kb / 16P
   4 Channel, 12-Bit Sampling CMOS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com