Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C43 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZX84C43
Description  Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX84C43 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX84C43 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX84C43 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX84C43 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
- 797 -
RATINGS AND CHARACTERISTIC CURVES (BZX84C2V4 THRU BZX84C51)
FIG.1- POWER DERATING CURVE
FIG.2- ZENER BREAKDOWN CHARACTERISTICS
0
0
T , AMBIENT TEMPERATURE, ( C)
A
O
V , ZENER VOLTAGE (V)
Z
FIG.3- ZENER BREAKDOWN CHARACTERISTICS
FIG.4- ZENER BREAKDOWN CHARACTERISTICS
FIG.5- JUNCTION CAPACITANCE VS NOMINAL ZENER VOLTAGE
See Note 1
100
200
100
200
300
400
500
T= 25 C
j
O
Test Current I
5.0mA
Z
C2V7
C3V9
C3V3
C4V7
C5V6
C6V8
C8V2
01
2
3
45
67
8
9 10
0
10
20
30
40
50
Test Current I
5mA
Z
Test Current I
2mA
Z
C10
C12
C15
C18
C22
C27
C33
C36
T= 25 C
j
O
010
20
30
40
0
30
10
20
V , ZENER VOLTAGE (V)
Z
V , ZENER VOLTAGE (V)
Z
Test Current I
2mA
Z
C39
T= 25 C
j
O
C43
C47
C51
10 20 30 40 50 60 70 80 90 100
0
2
4
6
8
10
V , NOMINAL ZENER VOLTAGE (V)
Z
T= 25 C
j
O
V= 1V
R
V= 2V
R
V= 2V
R
V= 1V
R
0
0
10
100
100
1000
0


Similar Part No. - BZX84C43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C43 VISHAY-BZX84C43 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Diodes Incorporated
BZX84C43 DIODES-BZX84C43 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZX84C43 WTE-BZX84C43 Datasheet
60Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Suntan Capacitors
BZX84C43 SUNTAN-BZX84C43 Datasheet
136Kb / 3P
   Zener breakdown voltage range - 2.0 V to 75 V
logo
Guilin Strong Micro-Ele...
BZX84C43 GSME-BZX84C43 Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
More results

Similar Description - BZX84C43

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX85C TSC-BZX85C Datasheet
150Kb / 5P
   Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
logo
Micro Commercial Compon...
BZT52C2V4 MCC-BZT52C2V4_13 Datasheet
463Kb / 4P
   500 mW Zener Diode 2.4 to 51 Volts
logo
Rectron Semiconductor
SD05C RECTRON-SD05C Datasheet
426Kb / 6P
   VOLTAGE RANGE 5 Volts POWER RATING 350 Watts
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
   Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
logo
Lite-On Technology Corp...
L05ESDL5V0NA-4 LITEON-L05ESDL5V0NA-4 Datasheet
259Kb / 7P
   ESD PROTECTION DEVICE STAND-OFF VOLTAGE - 5.0 Volts POWER DISSIPATION - 50 Watts
REV. 5
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Shenzhen Luguang Electr...
5KP350A LUGUANG-5KP350A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP210A LUGUANG-5KP210A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com