Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78LE516 Datasheet(PDF) 10 Page - Winbond

Part # W78LE516
Description  8-BIT MICROCONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE516 Datasheet(HTML) 10 Page - Winbond

Back Button W78LE516 Datasheet HTML 6Page - Winbond W78LE516 Datasheet HTML 7Page - Winbond W78LE516 Datasheet HTML 8Page - Winbond W78LE516 Datasheet HTML 9Page - Winbond W78LE516 Datasheet HTML 10Page - Winbond W78LE516 Datasheet HTML 11Page - Winbond W78LE516 Datasheet HTML 12Page - Winbond W78LE516 Datasheet HTML 13Page - Winbond W78LE516 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
W78LE516/W78L516A
- 10 -
5.9
Port 4
Port 4, address D8H, is a 4-bit multipurpose programmable I/O port. Each bit can be configured
individually by software. The Port 4 has four different operation modes.
Mode 0: P4.0
−P4.3 is a bi-directional I/O port which is same as port 1. P4.2 and P4.3 also serve as
external interrupt CLR and INT2 if enabled.
Mode 1: P4.0
−P4.3 are read strobe signals that are synchronized with RD signal at specified
addresses. These signals can be used as chip-select signals for external peripherals.
Mode 2: P4.0
−P4.3 are write strobe signals that are synchronized with WR signal at specified
addresses. These signals can be used as chip-select signals for external peripherals.
Mode 3: P4.0
−P4.3 are read/write strobe signals that are synchronized with RD or WR signal at
specified addresses. These signals can be used as chip-select signals for external
peripherals.
When Port 4 is configured with the feature of chip-select signals, the chip-select signal address range
depends on the contents of the SFR P4xAH, P4xAL, P4CONA and P4CONB. The registers P4xAH
and P4xAL contain the 16-bit base address of P4.x. The registers P4CONA and P4CONB contain the
control bits to configure the Port 4 operation mode.
5.10 INT2 / INT3
Two additional external interrupts, INT2 and INT3 , whose functions are similar to those of external
interrupt 0 and 1 in the standard 80C52. The functions/status of these interrupts are
determined/shown by the bits in the XICON (External Interrupt Control) register. The XICON register is
bit-addressable but is not a standard register in the standard 80C52. Its address is at 0C0H. To
set/clear bits in the XICON register, one can use the "SETB ( CLR ) bit" instruction. For example,
"SETB 0C2H" sets the EX2 bit of XICON.
XICON - external interrupt control (C0H)
PX3
EX3
IE3
IT3
PX2
EX2
IE2
IT2
PX3: External interrupt 3 priority high if set
EX3: External interrupt 3 enable if set
IE3: If IT3 = 1, IE3 is set/cleared automatically by hardware when interrupt is detected/serviced
IT3: External interrupt 3 is falling-edge/low-level triggered when this bit is set/cleared by software
PX2: External interrupt 2 priority high if set
EX2: External interrupt 2 enable if set
IE2: If IT2 = 1, IE2 is set/cleared automatically by hardware when interrupt is detected/serviced
IT2: External interrupt 2 is falling-edge/low-level triggered when this bit is set/cleared by software


Similar Part No. - W78LE516

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE516 WINBOND-W78LE516 Datasheet
287Kb / 31P
   8-BIT MICROCONTROLLER
W78LE516-24 WINBOND-W78LE516-24 Datasheet
287Kb / 31P
   8-BIT MICROCONTROLLER
W78LE516F-24 WINBOND-W78LE516F-24 Datasheet
287Kb / 31P
   8-BIT MICROCONTROLLER
W78LE516P-24 WINBOND-W78LE516P-24 Datasheet
287Kb / 31P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78LE516

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com