Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TYN612MRG Datasheet(PDF) 3 Page - STMicroelectronics

Part # TYN612MRG
Description  12 A SCR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612MRG Datasheet(HTML) 3 Page - STMicroelectronics

  TYN612MRG Datasheet HTML 1Page - STMicroelectronics TYN612MRG Datasheet HTML 2Page - STMicroelectronics TYN612MRG Datasheet HTML 3Page - STMicroelectronics TYN612MRG Datasheet HTML 4Page - STMicroelectronics TYN612MRG Datasheet HTML 5Page - STMicroelectronics TYN612MRG Datasheet HTML 6Page - STMicroelectronics TYN612MRG Datasheet HTML 7Page - STMicroelectronics TYN612MRG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYN612M
Characteristics
3/8
Figure 3.
Average and D.C. on-state current
versus case temperature
(TO-220FPAB)
Figure 4.
Relative variation of thermal
impedance versus pulse duration
(TO-220AB)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
25
50
75
100
125
I
(A)
T(AV)
T (°C)
C
α = 180°
D.C.
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
K=[Z /R ]
th
th
t (s)
p
Rth(j-c)
Rth(j-a)
Figure 5.
Relative variation of thermal
impedance versus pulse duration
(TO-220FPAB)
Figure 6.
Relative variation of gate trigger
current, holding current, latching
current and gate trigger voltage
versus junction temperature
(typical values)
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
K=[Z /R ]
th
th
t (s)
p
Rth(j-c)
Rth(j-a)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120 130
I
GT,IH,IL, VGT [Tj]/IGT,IH,IL, VGT [Tj=25°C]
I
GT
I
H & IL
VGT
T (°C)
j
Figure 7.
Surge peak on-state current versus
number of cycles
Figure 8.
Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms, and
corresponding values of I²t
0
10
20
30
40
50
60
70
80
90
100
110
120
130
1
10
100
1000
I
(A)
TSM
Number of cycles
Non repetitive
T initial=25°C
j
Repetitive
T =105°C
C
O ne cycle
tp=10m s
10
100
1000
0.01
0.10
1.00
10.00
I
(A), I t (A s)
TSM
22
t (ms)
P
T initial=25°C
j
ITSM
I t
2


Similar Part No. - TYN612MRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN612MRG STMICROELECTRONICS-TYN612MRG Datasheet
72Kb / 7P
   Suitable to Fit modes of control found in Applications such as Voltage regulation Circuits for Motorbikes
logo
Kersemi Electronic Co.,...
TYN612MRG KERSEMI-TYN612MRG Datasheet
458Kb / 7P
   12 A SCR
More results

Similar Description - TYN612MRG

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
TYN612M KERSEMI-TYN612M Datasheet
458Kb / 7P
   12 A SCR
TN1205T-600B KERSEMI-TN1205T-600B Datasheet
541Kb / 7P
   12 A SCR
logo
NXP Semiconductors
BT151-800R NXP-BT151-800R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 800 V, SOT78
Rev. 05-2 March 2009
BT151-500R NXP-BT151-500R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500L PHILIPS-BT151-500L Datasheet
153Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500L NXP-BT151-500L Datasheet
161Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-650R NXP-BT151-650R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 650 V, SOT78
Rev. 05-27 February 2009
BT151-500RT NXP-BT151-500RT Datasheet
166Kb / 11P
   SCR, 12 A, 15 mA, 500 V, SOT78
Rev. 01-18 May 2009
BT151-650L NXP-BT151-650L Datasheet
161Kb / 11P
   SCR, 12 A, 5 mA, 650 V, SOT78
Rev. 05-2 March 2009
logo
Vishay Siliconix
VSKT170 VISHAY-VSKT170_10 Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com