Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TYN612M Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYN612M
Description  12 A SCR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612M Datasheet(HTML) 1 Page - STMicroelectronics

  TYN612M Datasheet HTML 1Page - STMicroelectronics TYN612M Datasheet HTML 2Page - STMicroelectronics TYN612M Datasheet HTML 3Page - STMicroelectronics TYN612M Datasheet HTML 4Page - STMicroelectronics TYN612M Datasheet HTML 5Page - STMicroelectronics TYN612M Datasheet HTML 6Page - STMicroelectronics TYN612M Datasheet HTML 7Page - STMicroelectronics TYN612M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 2007
Rev 4
1/8
8
TYN612M
12 A SCR
Main features
Description
The TYN612M SCR is suitable to fit modes of
control found in applications such as voltage
regulation circuits for motorbikes, overvoltage
crowbar protection, motor control circuits in power
tools and kitchen aids, inrush current limiting
circuits, capacitive discharge ignition.
The insulated fullpack package allows a back to
back configuration.
Order codes
Symbol
Value
Unit
IT(RMS)
12
A
VDRM/VRRM
600
V
IGT (min / max)
1.5 / 5
mA
Part Numbers
Marking
TYN612MRG
TYN612M
TYN612MFP
TYN612MFP
A
K
G
G
A
A
K
G
A
K
TO-220AB
TYN612MRG
TO-220FPAB
TYN612MFP
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180° conduction angle)
TO-220AB
Tc = 105° C
12
A
TO-220FPAB
Tc = 70° C
12
IT(AV)
Average on-state current
(180° conduction angle)
TO-220AB
Tc = 105° C
8
A
TO-220FPAB
Tc = 70° C
8
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25° C
125
A
tp = 10 ms
120
I²tI²t Value for fusing
tp = 10 ms
Tj = 25° C
72
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125° C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125° C
4
A
PG(AV)
Average gate power dissipation
Tj = 125° C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
° C
VRGM
Maximum peak reverse gate voltage
5
V
www.st.com


Similar Part No. - TYN612M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN612M STMICROELECTRONICS-TYN612M Datasheet
72Kb / 7P
   Suitable to Fit modes of control found in Applications such as Voltage regulation Circuits for Motorbikes
logo
Kersemi Electronic Co.,...
TYN612M KERSEMI-TYN612M Datasheet
458Kb / 7P
   12 A SCR
logo
STMicroelectronics
TYN612MFP STMICROELECTRONICS-TYN612MFP Datasheet
72Kb / 7P
   Suitable to Fit modes of control found in Applications such as Voltage regulation Circuits for Motorbikes
logo
Kersemi Electronic Co.,...
TYN612MFP KERSEMI-TYN612MFP Datasheet
458Kb / 7P
   12 A SCR
logo
STMicroelectronics
TYN612MFPRG STMICROELECTRONICS-TYN612MFPRG Datasheet
72Kb / 7P
   Suitable to Fit modes of control found in Applications such as Voltage regulation Circuits for Motorbikes
More results

Similar Description - TYN612M

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
TYN612M KERSEMI-TYN612M Datasheet
458Kb / 7P
   12 A SCR
TN1205T-600B KERSEMI-TN1205T-600B Datasheet
541Kb / 7P
   12 A SCR
logo
NXP Semiconductors
BT151-800R NXP-BT151-800R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 800 V, SOT78
Rev. 05-2 March 2009
BT151-500R NXP-BT151-500R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500L PHILIPS-BT151-500L Datasheet
153Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500L NXP-BT151-500L Datasheet
161Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-650R NXP-BT151-650R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 650 V, SOT78
Rev. 05-27 February 2009
BT151-500RT NXP-BT151-500RT Datasheet
166Kb / 11P
   SCR, 12 A, 15 mA, 500 V, SOT78
Rev. 01-18 May 2009
BT151-650L NXP-BT151-650L Datasheet
161Kb / 11P
   SCR, 12 A, 5 mA, 650 V, SOT78
Rev. 05-2 March 2009
logo
Vishay Siliconix
VSKT170 VISHAY-VSKT170_10 Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com