Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF3003PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF3003PT
Description  30.0 AMPS. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF3003PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF3003PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF3003PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 294 -
SF3001PT THRU SF3006PT
30.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range
50 to 400 Volts
Current
30.0 Amperes
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory Flammability
Classifications 94V-0
Glass passivated chip junctions
Superfast recovery time, high voltage
Low forward voltage, high current capability
Low thermal resistance
Low power loss, high efficiency
High temperature soldering guaranteed:
260
oC / 10 seconds, 0.16”(4.06mm) lead lengths at 5 lbs.,
(2.3kg) tesion
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic
Terminals: Leads solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting position: Any
Weight: 0.2 ounce, 5.6 grams
TO-3P/TO-247AD
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
TYPE NUMBER
Symbol
SF
3001PT
SF
3002PT
SF
3003PT
SF
3004PT
SF
3005PT
SF
3006PT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
V
Maximum Average Forward Rectified Current
at Tc=100
I(AV)
30
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
300
A
Maximum Instantaneous Forward Voltage @15.0A
VF
0.95
1.3
V
Maximum D.C. Reverse Current
@ Tc=25
at Rated DC Blocking Voltage
@ Tc=100
IR
10.0
500
uA
uA
Maximum Reverse Recovery Time(Note 2) TJ=25
Trr
35
nS
Typical Junction Capacitance (Note 1)
Cj
175.0
pF
Typical Thermal Resistance (Note 3)
R
θJC
2.5
℃/W
Operating Junction Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Recover to 0.25A.
3. Mounted on 4” x 6” x 0.25” Al-Plate.
PIN 1
PIN 3
Positive CT
PIN 2


Similar Part No. - SF3003PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF3003PT WTE-SF3003PT Datasheet
45Kb / 3P
   30A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF3003PT TSC-SF3003PT Datasheet
355Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3003PT TSC-SF3003PT Datasheet
493Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3003PT TSC-SF3003PT Datasheet
391Kb / 4P
   Glass Passivated Super Fast Rectifiers
logo
Shanghai Shunye Electro...
SF3003PT SY-SF3003PT Datasheet
124Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF3003PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF3001PT TSC-SF3001PT_1 Datasheet
355Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3001PT TSC-SF3001PT_10 Datasheet
493Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Shanghai Shunye Electro...
SF3001PT SY-SF3001PT Datasheet
124Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFA1601G TSC-SFA1601G Datasheet
56Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
SF11G JGD-SF11G Datasheet
168Kb / 2P
   1.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF21G TSC-SF21G_10 Datasheet
585Kb / 2P
   2.0 AMPS. Glass Passivated Super Fast Rectifiers
SF41G TSC-SF41G_10 Datasheet
573Kb / 2P
   4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1601PT TSC-SF1601PT_10 Datasheet
625Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFS1601G TSC-SFS1601G Datasheet
84Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAD501G TSC-SFAD501G Datasheet
58Kb / 2P
   5.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com