Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5323Z033B Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R5323Z033B
Description  150mA 2ch LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5323Z033B Datasheet(HTML) 5 Page - RICOH electronics devices division

  R5323Z033B Datasheet HTML 1Page - RICOH electronics devices division R5323Z033B Datasheet HTML 2Page - RICOH electronics devices division R5323Z033B Datasheet HTML 3Page - RICOH electronics devices division R5323Z033B Datasheet HTML 4Page - RICOH electronics devices division R5323Z033B Datasheet HTML 5Page - RICOH electronics devices division R5323Z033B Datasheet HTML 6Page - RICOH electronics devices division R5323Z033B Datasheet HTML 7Page - RICOH electronics devices division R5323Z033B Datasheet HTML 8Page - RICOH electronics devices division R5323Z033B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
R5323x
5
ELECTRICAL CHARACTERISTICS
R5323xxxxA/B
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output voltage
VIN
=Set VOUT+1V
1mA <
= IOUT <
= 30mA
VOUT
×0.98
VOUT
×1.02
V
IOUT
Output Current
VIN
−VOUT = 1.0V
150
mA
∆VOUT/∆IOUT
Load regulation
VIN
=Set VOUT+1V
1mA <
= IOUT <
= 150mA
15
40
mV
VDIF
Dropout Voltage
Refer to the Electrical Characteristics by Output Voltage
ISS
Supply Current
VIN
=Set VOUT+1V
90
120
µA
Istandby
Supply Current(Standby)
VIN
=Set VOUT+1V
VCE
=GND
0.1
1.0
µA
∆VOUT/∆VIN
Line regulation
Set VOUT
+0.5V <
= VIN <
= 6.0V
IOUT
=30mA
0.02
0.10
%/V
RR
Ripple Rejection
Ripple 0.5Vp
−p
VIN
=Set VOUT+1V
IOUT
=30mA
(In case that VOUT <
= 1.7V,
VIN
=Set VOUT+1.2V)
75
∗Note1
65
∗Note2
dB
VIN
Input Voltage
2.0
6.0
V
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
IOUT
=30mA
−40°C <
= Topt <
= 85°C
±100
ppm
/
°C
Ilim
Short Current Limit
VOUT
=0V
40
mA
RPD
Pull-down resistance for CE pin
0.7
2.0
8.0
M
VCEH
CE Input Voltage “H”
1.5
6.0
V
VCEL
CE Input Voltage “L”
0.0
0.3
V
en
Output Noise
BW
=10Hz to 100kHz
30
µVrms
RLOW
Low Output Nch Tr. ON
Resistance (of B version)
VCE
=0V
60
∗Note1: f=1kHz, 70dB as to VOUT >
= 2.5V Output type.
∗Note2: f=10kHz, 60dB as to VOUT >
= 2.5V Output type.


Similar Part No. - R5323Z033B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001A RICOH-R5323N001A Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001A-TR RICOH-R5323N001A-TR Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001B RICOH-R5323N001B Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001B-TR RICOH-R5323N001B-TR Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
More results

Similar Description - R5323Z033B

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com