Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP3320F3 Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TISP3320F3
Description  DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP3320F3 Datasheet(HTML) 1 Page - Power Innovations Ltd

  TISP3320F3 Datasheet HTML 1Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 2Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 3Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 4Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 5Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 6Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 7Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 8Page - Power Innovations Ltd TISP3320F3 Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TISP3240F3, TISP3260F3, TISP3290F3, TISP3320F3, TISP3380F3
DUAL SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
PRODUCT
INFORMATION
1
MARCH 1994 - REVISED SEPTEMBER 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
TELECOMMUNICATION SYSTEM SECONDARY PROTECTION
q
Ion-Implanted Breakdown Region
Precise and Stable Voltage
Low Voltage Overshoot under Surge
q
Planar Passivated Junctions
Low Off-State Current
< 10 µA
q
Rated for International Surge Wave Shapes
q
Surface Mount and Through-Hole Options
q
UL Recognized, E132482
description
These high voltage dual symmetrical transient
voltage suppressor devices are designed to
protect
telecommunication
applications
with
ground backed ringing against transients caused
by lightning strikes and a.c. power lines. Offered
in five voltage variants to meet battery and
protection requirements they are guaranteed to
suppress and withstand the listed international
lightning surges in both polarities. Transients are
initially clipped by breakdown clamping until the
voltage rises to the breakover level, which
DEVICE
VDRM
V
V(BO)
V
‘3240F3
180
240
‘3260F3
200
260
‘3290F3
220
290
‘3320F3
240
320
‘3380F3
270
380
WAVE SHAPE
STANDARD
ITSP
A
2/10 µs
FCC Part 68
175
8/20 µs
ANSI C62.41
120
10/160 µs
FCC Part 68
60
10/560 µs
FCC Part 68
45
0.5/700 µs
RLM 88
38
10/700 µs
FTZ R12
VDE 0433
CCITT IX K17/K20
50
50
50
10/1000 µs
REA PE-60
35
PACKAGE
PART # SUFFIX
Small-outline
D
Small-outline taped
and reeled
DR
Plastic DIP
P
Single-in-line
SL
causes the device to crowbar. The high crowbar
holding current prevents d.c. latchup as the
current subsides.
These
monolithic
protection
devices
are
fabricated in ion-implanted planar structures to
device symbol
G
T
R
Terminals T, R and G correspond to the
alternative line designators of A, B and C
SD3XAA
D PACKAGE
(TOP VIEW)
P PACKAGE
(TOP VIEW)
SL PACKAGE
(TOP VIEW)
MDXXAE
1
2
3
4
5
6
7
8
G
G
G
G
NC
T
R
NC
NC - No internal connection
1
2
3
4
5
6
7
8
R
G
T
G
T
G
G
R
Specified T terminal ratings require connection of pins 1 and 8.
Specified R terminal ratings require connection of pins 4 and 5.
MDXXAF
1
2
3
T
G
R
MDXXAG
MD23AA


Similar Part No. - TISP3320F3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3320F3 BOURNS-TISP3320F3 Datasheet
613Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3320F3DR BOURNS-TISP3320F3DR Datasheet
853Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3320F3DR-S BOURNS-TISP3320F3DR-S Datasheet
853Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3320F3SL BOURNS-TISP3320F3SL Datasheet
853Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3320F3SL-S BOURNS-TISP3320F3SL-S Datasheet
853Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP3320F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2240F3 POINN-TISP2240F3 Datasheet
609Kb / 18P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290L POINN-TISP2290L Datasheet
125Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3125F3 POINN-TISP3125F3 Datasheet
451Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3290 POINN-TISP3290 Datasheet
110Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2082L POINN-TISP2082L Datasheet
112Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3082 POINN-TISP3082 Datasheet
123Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2180 POINN-TISP2180 Datasheet
210Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2310L POINN-TISP2310L Datasheet
113Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com