Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85C3V9 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZX85C3V9
Description  Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX85C3V9 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX85C3V9 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX85C3V9 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX85C3V9 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX85C3V9 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX85C3V9 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Admissible
Zener
Device
Current
fZT
IZT
fZT
IZK
(Note 2)
(Note 3)
(Note 3)
IR
VR
IZ
Min
Max
Ohm
mA
Ohms
mA
Min
Max
uA
V
mA
BZX85C2V7
2.5
2.9
<20
80
<400
1
-0.08
-0.05
<150
1.0
360
BZX85C3V0
2.8
3.2
<20
80
<400
1
-0.08
-0.05
<100
1.0
330
BZX85C3V3
3.1
3.5
<20
80
<400
1
-0.08
-0.05
<40
1.0
300
BZX85C3V6
3.4
3.8
<20
60
<500
1
-0.08
-0.05
<20
1.0
290
BZX85C3V9
3.7
4.1
<15
60
<500
1
-0.07
-0.02
<10
1.0
280
BZX85C4V3
4
4.6
<13
50
<500
1
-0.05
0.01
<3
1.0
250
BZX85C4V7
4.4
5.0
<13
45
<600
1
-0.03
0.04
<3
1.0
215.0
BZX85C5V1
4.8
5.4
<10
45
<500
1
-0.01
0.04
<1
1.5
200.0
BZX85C5V6
5.2
6
<7
45
<400
1
0
0.045
<1
2.0
190.0
BZX85C6V2
5.8
6.6
<4
35
<300
1
0.01
0.055
<1
3.0
170.0
BZX85C6V8
6.4
7.2
<3.5
35
<300
1
0.015
0.06
<1
4.0
155.0
BZX85C7V5
7
7.9
<3
35
<200
0.5
0.02
0.065
<1
4.5
140.0
BZX85C8V2
7.7
8.7
<5
25
<200
0.5
0.03
0.07
<1
6.2
130.0
BZX85C9V1
8.5
9.6
<5
25
<200
0.5
0.035
0.075
<1
6.8
120.0
BZX85C10
9.4
10.6
<7
25
<200
0.5
0.04
0.08
<0.5
7.5
105.0
BZX85C11
10.4
11.6
<8
20
<300
0.5
0.045
0.08
<0.5
8.2
97.0
BZX85C12
11.4
12.7
<9
20
<350
0.5
0.045
0.085
<0.5
9.1
88.0
BZX85C13
12.4
14.1
<10
20
<400
0.5
0.05
0.085
<0.5
10
79.0
BZX85C15
13.8
15.6
<15
15
<500
0.5
0.055
0.09
<0.5
11
71.0
BZX85C16
15.3
17.1
<15
15
<500
0.5
0.055
0.09
<0.5
12
66.0
BZX85C18
16.8
19.1
<20
15
<500
0.5
0.06
0.09
<0.5
13
62.0
BZX85C20
18.8
21.2
<24
10
<600
0.5
0.06
0.09
<0.5
15
56.0
BZX85C22
20.8
23.3
<25
10
<600
0.5
0.06
0.095
<0.5
16
52.0
BZX85C24
22.8
25.6
<25
10
<600
0.5
0.06
0.095
<0.5
18
47.0
BZX85C27
25.1
28.9
<30
8
<750
0.25
0.06
0.095
<0.5
20
41.0
BZX85C30
28
32
<30
8
<1000
0.25
0.06
0.095
<0.5
22
36.0
BZX85C33
31
35
<35
8
<1000
0.25
0.06
0.095
<0.5
24
33.0
BZX85C36
34
38
<40
8
<1000
0.25
0.06
0.095
<0.5
27
30.0
BZX85C39
37
41
<50
6
<1000
0.25
0.06
0.095
<0.5
30
28.0
BZX85C43
40
46
<50
6
<1000
0.25
0.06
0.095
<0.5
33
26.0
BZX85C47
44
50
<90
4
<1500
0.25
0.06
0.095
<0.5
36
23.0
BZX85C51
48
54
<115
4
<1500
0.25
0.06
0.095
<0.5
39
21.0
BZX85C56
52
60
<120
4
<2000
0.25
0.06
0.095
<0.5
43
19.0
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, 300us pulse width, period = 5ms.
3. f = 1KHz.
Vz @ Izt
Current
V
Zener Voltage
VZ @ IZ= IZT
Reverse Leakage
Temperature
Coefficient of
% /
OC
Zener Voltage
Range (Note 1)
Dynamic Resistance


Similar Part No. - BZX85C3V9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C3V9 VISHAY-BZX85C3V9 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
BZX85C3V9 RECTRON-BZX85C3V9 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
New Jersey Semi-Conduct...
BZX85C3V9 NJSEMI-BZX85C3V9 Datasheet
99Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C3V9 FAIRCHILD-BZX85C3V9 Datasheet
49Kb / 3P
   Zeners
logo
Taiwan Semiconductor Co...
BZX85C3V9 TSC-BZX85C3V9 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
More results

Similar Description - BZX85C3V9

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX84C2V4 TSC-BZX84C2V4 Datasheet
71Kb / 3P
   Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
   Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
logo
Rectron Semiconductor
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com