Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5325K027A Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R5325K027A
Description  150mA 2ch LDO REGULATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5325K027A Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R5325K027A Datasheet HTML 2Page - RICOH electronics devices division R5325K027A Datasheet HTML 3Page - RICOH electronics devices division R5325K027A Datasheet HTML 4Page - RICOH electronics devices division R5325K027A Datasheet HTML 5Page - RICOH electronics devices division R5325K027A Datasheet HTML 6Page - RICOH electronics devices division R5325K027A Datasheet HTML 7Page - RICOH electronics devices division R5325K027A Datasheet HTML 8Page - RICOH electronics devices division R5325K027A Datasheet HTML 9Page - RICOH electronics devices division R5325K027A Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
R5325x
6
Electrical Characteristics by Output Voltage
Dropout Voltage VDIF(V)
Output Voltage
VOUT (V)
Condition
Typ.
Max.
1.2V <
= VOUT < 1.3V
0.55
0.85
1.3V <
= VOUT < 1.4V
0.48
0.74
1.4V <
= VOUT < 1.5V
0.43
0.68
1.5V <
= VOUT < 2.0V
0.40
0.59
2.0V <
= VOUT < 2.8V
0.27
0.39
2.8V <
= VOUT < 4.0V
0.21
0.28
VOUT
=4.0V
IOUT
= 150mA
0.17
0.23
TYPICAL APPLIATION
OUT2
OUT1
IN
VOUT2
VOUT1
GND
CE1
CE2
VDD
R5325x
Series
C3
C2
C1
(External Components)
Output Capacitor; Ceramic Type C1,C2,C3
0.1
µF
Kyocera
CM05B104K06AB
Murata
GRM155B31C104KA87B
1.0
µF
Kyocera
CM05X5R105K06AB
TDK
C1005JB0J105K
Murata
GRM155B30J105KE18B


Similar Part No. - R5325K027A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5325N RICOH-R5325N Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
R5325N001A RICOH-R5325N001A Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
R5325N001B RICOH-R5325N001B Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
R5325N002A RICOH-R5325N002A Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
R5325N002B RICOH-R5325N002B Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
More results

Similar Description - R5325K027A

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com