Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1161D191D Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1161D191D
Description  3-MODE 300mA LDO REGULATOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1161D191D Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1161D191D Datasheet HTML 1Page - RICOH electronics devices division R1161D191D Datasheet HTML 2Page - RICOH electronics devices division R1161D191D Datasheet HTML 3Page - RICOH electronics devices division R1161D191D Datasheet HTML 4Page - RICOH electronics devices division R1161D191D Datasheet HTML 5Page - RICOH electronics devices division R1161D191D Datasheet HTML 6Page - RICOH electronics devices division R1161D191D Datasheet HTML 7Page - RICOH electronics devices division R1161D191D Datasheet HTML 8Page - RICOH electronics devices division R1161D191D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
R1161x
4
PIN CONFIGURATIONS
SOT-23-5
SON-6
HSON-6
1
2
3
4
5
(mark side)
Top View
Bottom View
13
6
2
54
31
4
2
56
Top View
Bottom View
64
1
5
23
46
3
5
21
PIN DESCRIPTIONS
SOT-23-5
SON-6, HSON-6
Pin No
Symbol
Pin Description
Pin No
Symbol
Pin Description
1
VDD
Input Pin
1
VDD
Input Pin
2
GND
Ground Pin
2
NC
No Connection
3
CE or CE
Chip Enable Pin
3
VOUT
Output pin
4
ECO
MODE alternative pin
4
ECO
MODE alternative pin
5
VOUT
Output pin
5
GND
Ground Pin
6
CE or CE
Chip Enable Pin
* Tab in the
parts have GND level.
(They are connected to the reverse side of this IC.)
Do not connect to other wires or land patterns.
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.5
V
VECO
Input Voltage(ECO Pin)
-0.3 ~ 6.5
V
VCE
Input Voltage( CE /CE Pin)
-0.3 ~ 6.5
V
VOUT
Output Voltage
-0.3 ~ VIN+0.3
V
IOUT
Output Current
350
mA
PD
Power Dissipation(SOT23-5)*
420
PD
Power Dissipation(SON-6)*
500
PD
Power Dissipation(HSON-6)*
900
mW
Topt
Operating Temperature Range
-40 ~ 85
C
Tstg
Storage Temperature Range
-55 ~ 125
C
* ) For Power Dissipation, please refer to PACKAGE INFORMATION to be described.


Similar Part No. - R1161D191D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161D101A-TR-FE RICOH-R1161D101A-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D101B-TR-FE RICOH-R1161D101B-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D101D-TR-FE RICOH-R1161D101D-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D102A-TR-FE RICOH-R1161D102A-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161D102B-TR-FE RICOH-R1161D102B-TR-FE Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
More results

Similar Description - R1161D191D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1161 RICOH-R1161 Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1161X NISSHINBO-R1161X Datasheet
555Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com