Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5323Z007A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R5323Z007A
Description  150mA 2ch LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5323Z007A Datasheet(HTML) 3 Page - RICOH electronics devices division

  R5323Z007A Datasheet HTML 1Page - RICOH electronics devices division R5323Z007A Datasheet HTML 2Page - RICOH electronics devices division R5323Z007A Datasheet HTML 3Page - RICOH electronics devices division R5323Z007A Datasheet HTML 4Page - RICOH electronics devices division R5323Z007A Datasheet HTML 5Page - RICOH electronics devices division R5323Z007A Datasheet HTML 6Page - RICOH electronics devices division R5323Z007A Datasheet HTML 7Page - RICOH electronics devices division R5323Z007A Datasheet HTML 8Page - RICOH electronics devices division R5323Z007A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
R5323x
3
SELECTION GUIDE
The output voltage, mask option, and the taping type for the ICs can be selected at the user's request.
The selection can be made with designating the part number as shown below;
R5323xxxxx-xx-x ←Part Number
↑ ↑ ↑ ↑ ↑
a b c d e
Code
Contents
a
Designation of Package Type:
N : SOT-23-6
K : PLP1820-6
Z : WL-CSP-6
b
Setting combination of 2ch Output Voltage (VOUT) : Serial Number for Voltage Setting,
Stepwise setting with a step of 0.1V in the range of 1.5V to 4.0V is possible for each channel.
c
Designation of Mask Option:
A version: without auto discharge function at OFF state.
B version: with auto discharge function at OFF state.
d
Designation of Taping Type:
Ex. TR (refer to Taping Specifications; TR type is the standard direction.)
e
Designation of composition of plating:
−F : Lead free plating (SOT-23-5,WL-CSP-6)
None : Au plating (PLP1820-6)
PIN CONFIGURATION
SOT-23-6
PLP1820-6
WLCSP-6
64
5
CE1
CE2
GND
12
3
VOUT1
VDD
(mark side)
VOUT2
Top View
6
54
1
2
3
Bottom View
4
56
32
1
6
5
4
1
2
3
VOUT1
VDD
VOUT2
CE1
GND
CE2


Similar Part No. - R5323Z007A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001A RICOH-R5323N001A Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001A-TR RICOH-R5323N001A-TR Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001B RICOH-R5323N001B Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001B-TR RICOH-R5323N001B-TR Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
More results

Similar Description - R5323Z007A

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com