Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5326Z011B Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R5326Z011B
Description  Automatic Mode Shift 2ch 150mA LDO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5326Z011B Datasheet(HTML) 5 Page - RICOH electronics devices division

  R5326Z011B Datasheet HTML 1Page - RICOH electronics devices division R5326Z011B Datasheet HTML 2Page - RICOH electronics devices division R5326Z011B Datasheet HTML 3Page - RICOH electronics devices division R5326Z011B Datasheet HTML 4Page - RICOH electronics devices division R5326Z011B Datasheet HTML 5Page - RICOH electronics devices division R5326Z011B Datasheet HTML 6Page - RICOH electronics devices division R5326Z011B Datasheet HTML 7Page - RICOH electronics devices division R5326Z011B Datasheet HTML 8Page - RICOH electronics devices division R5326Z011B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
R5326x
5
ELECTRICAL CHARACTERISTICS
R5326xxxxA/B
VR1/VR2
Topt=25
°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VOUT
> 1.5V
×0.99
×1.01
V
VOUT
Output Voltage
VIN
−VOUT=1V
IOUT
=1mA
VOUT <
= 1.5V
−15
+15
mV
IOUT
Output Current
VIN
−VOUT=1V
150
mA
∆VOUT/∆IOUT Load Regulation
VIN
−VOUT=1V
1mA <
= IOUT <
= 150mA
80
mV
0.8V <
= VOUT<0.9V
0.62
0.87
0.9V <
= VOUT<1.0V
0.58
0.78
1.0V <
= VOUT<1.2V
0.48
0.69
1.2V <
= VOUT<1.5V
0.40
0.59
1.5V <
= VOUT<2.0V
0.31
0.48
2.0V <
= VOUT<2.8V
0.22
0.37
VDIF
Dropout Voltage
IOUT
=150mA
2.8 <
= VOUT
0.19
0.27
V
ISS1
Supply Current
(Low Power Mode)
VIN
−VOUT=1V, IOUT=0mA
5.5
16
µA
ISS2
Supply Current (Fast Mode)
VIN
−VOUT=1V, IOUT=10mA
50
µA
Istandby
Standby Current
VIN
−VOUT=1V, VCE1=VCE2=GND
0.1
1.0
µA
IOUTL
Low Power Mode
Current threshold
VIN
−VOUT=1V,
IOUT
=30mA to 1µA
0.6
mA
IOUTH
Fast Response Mode
Current threshold
VIN
−VOUT=1V,
IOUT
=1µA to 30mA
3
mA
∆VOUT/∆VIN Line Regulation
VOUT
+0.5V <
= VIN <
= 6V
IOUT
=30mA
(
∗VIN >
= 1.8V)
±0.02
±0.2
%/V
f
=1kHz
70
RR
Ripple Rejection
Ripple 0.2Vp-p,
VIN
−VOUT=1V,
IOUT
=30mA
(In case that
VOUT
<1.5V,
VIN
−VOUT=1.5V)
f
=10kHz
60
dB
VIN
Input Voltage
1.4
6.0
V
∆VOUT/∆Topt
Output Voltage
Temperature Coefficient
IOUT
=30mA,
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
Ilim
Short Current Limit
VOUT
=0V
50
mA
IPD
CE Pull-down Current
0.15
0.30
0.45
µA
VCEH
CE Input Voltage "H"
1.0
6.0
V
VCEL
CE Input Voltage "L"
0
0.4
V
en
Output Noise
BW
=10Hz to 100kHz
30
µVrms
RLOW
Low Output Nch Tr.
ON Resistance (of B version)
40


Similar Part No. - R5326Z011B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326Z015-E2-F RICOH-R5326Z015-E2-F Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
More results

Similar Description - R5326Z011B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326X RICOH-R5326X Datasheet
703Kb / 25P
   Automatic Mode Shift Dual 150mA LDO
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5328K RICOH-R5328K Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Nisshinbo Micro Devices...
R1510S NISSHINBO-R1510S Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com