Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF11G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF11G
Description  1.0 AMP. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF11G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF11G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF11G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 240 -
SF11G THRU SF18G
1.0 AMP. Glass Passivated Super Fast Rectifiers
Voltage Range
50 to 600 Volts
Current
1.0 Ampere
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mounting position: Any
Weight: 0.35 gram
DO-41
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SF
11G
SF
12G
SF
13G
SF
14G
SF
15G
SF
16G
SF
17G
SF
18G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50 100 150 200 300 400 500 600
V
Maximum RMS Voltage
VRMS
35
70
105 140 210 280 350 420
V
Maximum DC Blocking Voltage
VDC
50 100 150 200 300 400 500 600
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=125
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
20
10
pF
Typical Thermal Resistance (Note 3)
R
θJA
R
θJL
80
20
℃/W
Operating Temperature Range
TJ
-65 to +150
Storage Temperature Range
TSTG
-65 to +150
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 5mm x 5mm on PCB.


Similar Part No. - SF11G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF11G JGD-SF11G Datasheet
168Kb / 2P
   1.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Leshan Radio Company
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Microdiode Electronics ...
SF11G CHENDA-SF11G Datasheet
578Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G Datasheet
261Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11G SECOS-SF11G Datasheet
152Kb / 2P
   1 A, Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF11G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF11SG TSC-SF11SG_1 Datasheet
258Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
SFA11G JGD-SFA11G Datasheet
167Kb / 2P
   1.0 AMP. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF11SG LUGUANG-SF11SG Datasheet
2Mb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G Datasheet
62Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG Datasheet
64Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11G TSC-SF11G_1 Datasheet
261Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11G TSC-SF11G_10 Datasheet
580Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_10 Datasheet
580Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF11G GWSEMI-SF11G Datasheet
71Kb / 2P
   1.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G_1 Datasheet
286Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com