Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5326Z005B Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R5326Z005B
Description  Automatic Mode Shift 2ch 150mA LDO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5326Z005B Datasheet(HTML) 4 Page - RICOH electronics devices division

  R5326Z005B Datasheet HTML 1Page - RICOH electronics devices division R5326Z005B Datasheet HTML 2Page - RICOH electronics devices division R5326Z005B Datasheet HTML 3Page - RICOH electronics devices division R5326Z005B Datasheet HTML 4Page - RICOH electronics devices division R5326Z005B Datasheet HTML 5Page - RICOH electronics devices division R5326Z005B Datasheet HTML 6Page - RICOH electronics devices division R5326Z005B Datasheet HTML 7Page - RICOH electronics devices division R5326Z005B Datasheet HTML 8Page - RICOH electronics devices division R5326Z005B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
R5326x
4
PIN CONFIGURATIONS
SOT-23-6
PLP1820-6
WLCSP-6-P1
6
5
4
1
2
3
(mark side)
Top View
6
5
4
1
2
3
Bottom View
4
56
32
1
Mark Side
6
1
5
2
4
3
Bump Side
6
1
5
2
4
3
PIN DESCRIPTIONS
SOT-23-6, WLCSP-6-P1
PLP1820-6
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
VOUT1
Output Pin 1
1
VOUT2
Output Pin 2
2
VDD
Input Pin
2
VDD
Input Pin
3
VOUT2
Output Pin 2
3
VOUT1
Output Pin 1
4
CE2
Chip Enable Pin 2
4
CE1
Chip Enable Pin 1
5
GND
Ground Pin
5
GND
Ground Pin
6
CE1
Chip Enable Pin 1
6
CE2
Chip Enable Pin 2
∗ Tab in the
parts have GND level.
(They are connected to the back side of this IC.)
Do not connect to other wires or land patterns.
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.5
V
VCE
Input Voltage (CE Pin)
−0.3 to 6.5
V
VOUT
Output Voltage
−0.3 to VIN+0.3
V
IOUT1,IOUT2
Output Current
200
mA
Power Dissipation (SOT-23-6) *
1
420
Power Dissipation (PLP1820-6) *
1
880
PD
Power Dissipation (WLCSP-6-P1) *
1
633
mW
Topt
Operating Temperature Range
−40 to 85
°C
Tstg
Storage Temperature Range
−55 to 125
°C
*1) For Power Dissipation, please refer to PACKAGE INFORMATION to be described.


Similar Part No. - R5326Z005B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326Z008-E2-F RICOH-R5326Z008-E2-F Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
More results

Similar Description - R5326Z005B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326X RICOH-R5326X Datasheet
703Kb / 25P
   Automatic Mode Shift Dual 150mA LDO
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5328K RICOH-R5328K Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Nisshinbo Micro Devices...
R1510S NISSHINBO-R1510S Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com